Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29026AFPEL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD29026AFPEL
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29026AFPEL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD29026AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 9Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 10Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 11Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD29026A/HD29027
Rev.2.00, Jul.16.2004, page 9 of 11
Supply current vs. operating frequency (HD29027)
150
100
50
0
0.1
0.5
1.0
5
10
Operating frequency (MHz)
T = 25°C
V
= 6 V
2 circuit operation
CC
a
T = 25°C
V
= 6 V
1 circuit operation
CC
a
C = 1000 pF
L
150
100
50
0
Operating frequency (MHz)
500 pF
250 pF
0 pF
C = 1000 pF
L
500 pF
250 pF
0 pF
0.2
2
0.1
0.5
1.0
5
10
0.2
2
Cautions (HD29026A only)
The short output rise and fall time, as well as the large output amplitude of this product tends to generate overshooting
and undershooting. The connection of 5 to 15
Ω damping resistance (R
D) to the output as illustrated in figure 2 serves
to increase the output rise and fall time, making it possible to reduce the chance of overshooting and undershooting.
Figure 3 shows the characteristics that result for a damping resistance (R
D) of 10 Ω.
CL
RD
VCC
Input
Output
Pulse
Generator
Zout = 50
Ω
Note:
C
L includes stray capacitance of probe and other tools
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com