Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29026AFPEL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD29026AFPEL
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29026AFPEL Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD29026AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
HD29026A/HD29027
Rev.2.00, Jul.16.2004, page 2 of 11
Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage
HD29026A
V
CC*
1
15
V
HD29027
10
Input voltage
VI
7
V
Output peak current
l
O(peak)
±1
A
Operating temperature range
Ta
–20 to +75
°C
Storage temperature range
Tstg
–65 to +150
°C
Junction temperature
Tj
150
°C
Total dissipation
P
T*
2
0.735
W
Notes: 1. If no value is specified, the voltage is defined by the GND pin.
2. Value when Ta = 25°C. Heat dissipation is required for large-capacitance, high-frequency drivers, so
derating of 5.9 mW/°C are required.
1.0
0.5
0.44
0
P
(W)
T
–20
25
0
75
50
0.735
T (°C)
a
Figure 1 Package Derating Curves
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
HD29026A
V
CC
812
13
V
HD29027
V
CC
4.5
6
8
Operating temperature
Ta
–20
25
75
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com