Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29026AFPEL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD29026AFPEL
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29026AFPEL Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD29026AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD29026AFPEL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev.2.00, Jul.16.2004, page 1 of 11
HD29026A/HD29027
Dual CCD Drivers
REJ03D0302–0200Z
(Previous ADE-205-001 (Z))
Rev.2.00
Jul.16.2004
Description
HD29026A and HD29027 include two on-chip drivers on a single chip, making it the optimal choice as a CCD driver.
Operation is provided with a TTL level input, and output current of 1 A is available for both sink and source.
Features
• High speed output rise and fall (20 ns typ) at load capacitance (C
L) of 1000 pF
• Direct drive of input block by TTL eliminates the need for external components
• Output swing voltage of 12 V; output current of 1 A available for both sink and source
• Output wave cross point 50% typ
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD29026AFPEL
SOP-8 pin (JEITA)
FP-8DGV
FP
EL (2,500 pcs/reel)
HD29027FPEL
SOP-8 pin (JEITA)
FP-8DGV
FP
EL (2,500 pcs/reel)
Function Table
Input A
Output Y
HL
LH
Note:
H: High level
L: Low level
Pin Arrangement
NC
1A
GND
2A
NC
1Y
V
2Y
1
2
3
4
8
7
6
5
CC


Similar Part No. - HD29026AFPEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29026AFP ETC-HD29026AFP Datasheet
47Kb / 12P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026AFP HITACHI-HD29026AFP Datasheet
72Kb / 16P
Dual CCD Drivers
More results

Similar Description - HD29026AFPEL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55110A TI-SN55110A Datasheet
148Kb / 10P
DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
DUAL LINE DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
DUAL PERIPHERAL DRIVERS
logo
List of Unclassifed Man...
HD29026A ETC-HD29026A Datasheet
47Kb / 12P
Dual CCD Drivers
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
CCD Clock Drivers
logo
Renesas Technology Corp
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
Dual CCD Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com