Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8610 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM8610 Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 15Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
0
2
4
6
8
10
12
14
16
18
7
8
9
1011
1213
1415
Supply Voltage (V)
Typical Performance Characteristics
11
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
19. Output Power vs Supply Voltage
www.poweranalog.com
21.Gain vs DC voltage
0
0.5
1
1.5
2
2.5
3
3.5
4
03
69
12
Output Power (W)
Two channels driven
Note:
PCB information for power dissipation measurement.
1. The PCB size is 74mm 68mm with 1.2mm thickness,
two layers and Fr4.
2. 16 vias at the thermal land on the PCB with 0.5mm
diameter.
3. The size of exposed copper is 10mm*10mm with
3oz thickness.
*
V =12V,R =8
Gv=24dB,
°C, unless otherwise noted.
DD
L
Ω,
Τ =25
Α
20. Quesicent Current vs Supply Voltage
0
5
10
15
20
25
7
8
9
1011
1213
1415
Supply Voltage (V)
22.Power Dissipation vs. Output Power
0
0.4
0.8
1.2
1.6
2
2.4
2.8
Volume Voltage (V)
THD+N=1%
THD+N=10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com