Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8610 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 15Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 16Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 17Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Heat Dissipation in PCB design
Dual-Side PCB
4-layer PCB
Consideration for EMI
Generally, class-D amplifiers are high efficiency
and need no heat sink. For high power ones that
has high dissipation power, the heat sink may also
not necessary if the PCB is carefully designed to
achieve good heat
by the PCB itself.
To achieve good heat
, the PCB’s
copper plate should be thicker than 0.035mm and
both sides of the PCB should
be utilized for heat sink.
The thermal pad on the bottom of the device
should be soldered to the plate of the PCB, and
via holes, usually 9 to 16, should be drilled in the
PCB area under the device and deposited copper
on the vias should be thick enough so that the
heat can be dissipated to the other side of the
plate. There should be no insulation mask on the
other side of the copper plate. It is better to drill
more vias
around the device if
possible.
If it is 4-layer PCB, the two middle layers of
grounding and power can be employed for heat
dissipation, isolating them into serval islands to
avoid short between ground and power.
dissipation
dissipation
the copper plate on
on the PCB
Filters are not required if the traces from the
amplifier to the speakers are short (<20cm). But
most applications require a ferrite bead filter as
shown in below figure. The ferrite bead filter
reduces EMI of around 1MHz and higher to meet
the
F CC
and
CE's
requirements.
It
is
recommended to use a ferrite bead with very low
impedances at low frequencies and high
impedance at high frequencies (above 1MHz).
The EMI characteristics are as follows after
employing the ferrite bead.
Vertical Polarization
Horizontal Polarization
200pF
200pF
OUT+
OUT-
Ferrite Bead
Ferrite Bead
OUTP
OUTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com