Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8610 Datasheet(PDF) 12 Page - Power Analog Micoelectronics

Part # PAM8610
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610 Datasheet(HTML) 12 Page - Power Analog Micoelectronics

Back Button PAM8610 Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 9Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 10Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 11Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 12Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 13Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 14Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 15Page - Power Analog Micoelectronics PAM8610 Datasheet HTML 16Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
Application Information
Power and Heat Dissipation
Choose speakers that are able to stand large
output power from the PAM8610. Otherwise,
speaker may suffer damage.
In operation, some of power is dissipated to the
resistors.
The PAM8610’s efficiency is 90% with 10W ouput
and 8
load. The dissipation power is 2.22W.
Thermal resistance of junction to ambient of the
QFN package is 18.1°C/W and the junction
temperature Tj=P
* jA+Ta, where Ta is ambient
temperature. If the ambient temperature is 85°C,
the QFN’s junction temperature
Tj=2.22*18.1+85=125°C
which i s lower than 150°C r ated junction
temperature.
If the rated workable junction temperature is
150°C, the r elationship between ambient
temperature and permitted P
is shown in below
diagram.
From the diagram, it can be found that when the
device works at 10W/8
load the dissipation
power is 1.1W per channel, 2.2W total, the
permitted ambient temperature is over 100°C.
This is proven by actual test. The PAM8610 can
work in full output power under 85°C ambient
temperature.
Ω
θΩ
loss
loss
Heat dissipation is very important when the
device works in full power operation. Two factors
affect the heat dissipation, the efficiency of the
device that determines the dissipation power, and
the thermal resistance of the package that
determines the heat dissipation capability.
Power Dissipation: P
=(Po*(1-
2
loss
η)/η)*
0
1
2
3
4
5
6
7
8
9
10
0
2040
6080
100
Ta
Notes
1. The AP AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for efficiency
measurement.
Test Setup for Performance Testing
AP System One
Generator
PAM8610 Demo Board
+OUT
Input
Load
AP
Low Pass
Filter
AUX-0025
AP System One
Analyzer
GND
-OUT
VDD
Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com