Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS660CB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS660CB
Description  POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS660CB Datasheet(HTML) 1 Page - STMicroelectronics

  STPS660CB Datasheet HTML 1Page - STMicroelectronics STPS660CB Datasheet HTML 2Page - STMicroelectronics STPS660CB Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STPS660CB(-TR)
®
July 1998 - Ed : 1C
POWER SCHOTTKY RECTIFIER
IF(AV)
2 x 3 A
VRRM
60 V
VF (max)
0.59 V
MAIN PRODUCT CHARACTERISTICS
NEGLIGIBLE SWITCHING LOSSES
LOW FORWARD DROP VOLTAGE
LOW CAPACITANCE
HIGH REVERSE AVALANCHE SURGE
CAPABILITY
TAPE AND REEL OPTION : -TR
FEATURES AND BENEFITS
High voltage dual Schottky rectifier suited to
Switch Mode Power Supplies and other Power
Converters.
Packaged in DPAK, this device is intended for use
in medium voltage operation, and particularly, in
high frequency circuitries where low switching
losses are required.
DESCRIPTION
DPAK
4
1
2
3
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
60
V
IF(RMS)
RMS forward current
6
A
IF(AV)
Average forward current
Tcase = 120°C
δ = 0.5
3A
IFSM
Surge non repetitive forward current
tp = 10 ms
Sinusoidal
50
A
IRRM
Repetitive peak reverse current
tp = 2
µs
F = 1kHz
1A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum junction temperature
125
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
2, 4(TAB)
3
1
1/3


Similar Part No. - STPS660CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS660CSFY STMICROELECTRONICS-STPS660CSFY Datasheet
319Kb / 9P
Automotive 60 V, dual 3 A power Schottky rectifier
Rev 1 - October 2020
More results

Similar Description - STPS660CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1045D STMICROELECTRONICS-STPS1045D Datasheet
87Kb / 5P
POWER SCHOTTKY RECTIFIER
Sep-1999
STPS140A STMICROELECTRONICS-STPS140A Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-1998
STPS140Z STMICROELECTRONICS-STPS140Z Datasheet
53Kb / 5P
POWER SCHOTTKY RECTIFIER
May-1999
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2L60 STMICROELECTRONICS-STPS2L60 Datasheet
65Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS3L60 STMICROELECTRONICS-STPS3L60 Datasheet
69Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS41L60CG STMICROELECTRONICS-STPS41L60CG Datasheet
100Kb / 6P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS640CT STMICROELECTRONICS-STPS640CT Datasheet
75Kb / 6P
POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
Jul-2003
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
14-Oct-2011
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com