Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2244ATELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LVC2244ATELL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2244ATELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LVC2244ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74LVC2244A
Rev.3.00 Aug. 20, 2004 page 4 of 9
Electrical Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
1.65 to 1.95
VCC
×0.65 —
—
2.3 to 2.7
1.7
—
—
2.7 to 3.6
2.0
—
—
VIH
4.5 to 5.5
VCC
×0.7
—
—
V
1.65 to 1.95
—
—
VCC
×0.35
2.3 to 2.7
—
—
0.7
2.7 to 3.6
—
—
0.8
Input voltage
VIL
4.5 to 5.5
—
—
VCC
×0.3
V
1.65 to 5.5
VCC–0.2
—
—
IOH = –100
µA
1.65
1.2
—
—
IOH = –2 mA
2.3
1.7
—
—
2.7
2.2
—
—
IOH = –4 mA
3.0
2.4
—
—
IOH = –6 mA
2.7
2.0
—
—
IOH = –8 mA
3.0
2.0
—
—
VOH
4.5
3.6
—
—
V
IOH = –12 mA
1.65 to 5.5
—
—
0.2
IOL = 100
µA
1.65
—
—
0.45
IOL = 2 mA
2.3
—
—
0.7
2.7
—
—
0.4
IOL = 4 mA
3.0
—
—
0.55
IOL = 6 mA
2.7
—
—
0.6
IOL = 8 mA
3.0
—
—
0.8
Output voltage
VOL
4.5
—
—
0.8
V
IOL = 12 mA
Input current
IIN
0 to 5.5
—
—
±5
µAVIN = 0 to 5.5 V
Off state output
current
IOZ
1.65 to 5.5
—
—
±5
µAVOUT = 0 to 5.5 V
Output leak current
IOFF
0—
—
±5
µAVIN or VO = 5.5 V
1.65 to 3.6
—
—
10
VIN = 3.6 to 5.5 V
*1, I
O = 0
ICC
1.65 to 5.5
—
—
10
µA
VIN = VCC or GND
Quiescent supply
current
∆ICC
2.7 to 3.6
—
—
500
µA
VIN = one input at (VCC–0.6)V,
other inputs at VCC or GND
Input capacitance
CIN
3.3
—
3.4
—
pF
VIN = VCC or GND
Output capacitance
CO
3.3
—
9.0
—
pF
VOUT = VCC or GND
Note:
1. This applies in the disabled state only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com