Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2244ATELL Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LVC2244ATELL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2244ATELL Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LVC2244ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD74LVC2244A
Rev.3.00 Aug. 20, 2004 page 5 of 9
Switching Characteristics
(Ta = –40 to 85°C)
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
FROM
(Input)
TO
(Output)
1.8±0.15
—
—
10.5
2.5±0.2
—
—
7.0
2.7
——6.4
3.3±0.3
1.5
—
5.5
Propagation delay time
tPLH
tPHL
5.0±0.5
—
—
4.1
ns
AY
1.8±0.15
—
—
13.0
2.5±0.2
—
—
9.0
2.7
——8.1
3.3±0.3
1.0
—
7.1
Output enable time
tZH
tZL
5.0±0.5
—
—
5.6
ns
G
Y
1.8±0.15
—
—
10.0
2.5±0.2
—
—
8.0
2.7
——7.3
3.3±0.3
1.5
—
6.8
Output disable time
tHZ
tLZ
5.0±0.5
—
—
5.7
ns
G
Y
1.8±0.15
—
—
2.0
2.5±0.2
—
—
2.0
2.7
——1.5
3.3±0.3
—
—
1.0
Between output pin skew
*1 t
OSLH
tOSHL
5.0±0.5
—
—
1.0
ns
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com