Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LVC2244ATELL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD74LVC2244ATELL
Description  Octal Buffers / Line Drivers with 3-state Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LVC2244ATELL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD74LVC2244ATELL Datasheet HTML 1Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 2Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 3Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 4Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 5Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 6Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 7Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 8Page - Renesas Technology Corp HD74LVC2244ATELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HD74LVC2244A
Rev.3.00 Aug. 20, 2004 page 3 of 9
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.65 to 5.5
At operation
Supply voltage
VCC
1.5 to 5.5
V
Data retention only
Input voltage
VI
0 to 5.5
V
0 to 5.5
Output “Z” or VCC : OFF
Output voltage
VO
0 to VCC
V
Output “H” or “L”
–2
VCC = 1.65 V
–4
VCC = 2.3 V
–8
VCC = 2.7 V
IOH
–12
mA
VCC = 3.0 to 5.5 V
2VCC = 1.65 V
4VCC = 2.3 V
8VCC = 2.7 V
Output current
IOL
12
mA
VCC = 3.0 to 5.5 V
Input rise / fall time
tr, tf
0 to 6
ns / V
Operating temperature
Ta
–40 to +85
°C
Logic Diagram
1
G
1
2
1A1
1A2
1A3
1A4
18
1Y1
1Y2
1Y3
1Y4
4
16
6
14
812
2
G
19
11
2A1
2A2
2A3
2A4
9
2Y1
2Y2
2Y3
2Y4
13
7
15
5
17
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com