Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS166AP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS166AP
Description  8-bit Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS166AP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS166AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LS166A
Rev.4.00, May 10, 2006, page 5 of 7
Testing Method
Test Circuit
4.5V
QH
VCC
RL
CL
Input
P.G.
Zout = 50
Ω
Serial Input
Clear
Shift/Load
A
B
C
D
F
G
H
Clock
Clock
Inhibit
E
Output
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Testing table
Data inputs
Shift / Load
Output
Bit time
Data H
0 V
QH
tn + 1
Serial-in
4.5 V
QH
tn + 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com