Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS166AP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS166AP
Description  8-bit Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS166AP Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS166AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LS166A
Rev.4.00, May 10, 2006, page 6 of 7
Waveform
Output QH
Clock
Input
Clear
Input
Data
Input
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
1.3V
tn tn + 1
tn + 1
tn
tsu
tsu
th
th
tw (Clear)
tPHL
tPHL
tPLH
VOH
VOL
0V
3V
0V
3V
0V
3V
tw (Clock)
Notes:
1.
Input pulse;
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle 50%
Clock input; tw
≥ 20 ns
Clear inpu; tw
≥ 20 ns, t
h = 10 ns, when testing
ƒ
max, vary the clock PRR.
2.
Propagation delay time (tPLH and tPHL) are measured at tn + 1. Proper shifting of data is verified
at tn + 8 with a functional test.
3.
tn; bit time before clocking transition.
tn + 1; bit time after one clocking transition.
tn + 8; bit time after eight clocking transition.
Typical Clear, Shift, Load, Inhibit, and Shift Sequences
Serial Shift
Serial Shift
Clock Inhibit
Shift / Load
Load
Clock
Clear
Clear
Output QH
Serial Input
Inhibit
B
A
H
HH
H
H
H
H
H
H
H
L
L
L
LLL
L
C
D
F
E
G
H
Parallel
Inputs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com