Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS166AP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS166AP
Description  8-bit Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS166AP Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS166AP Datasheet HTML 1Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 2Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 3Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 4Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 5Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 6Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 7Page - Renesas Technology Corp HD74LS166AP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.4.00, May 10, 2006, page 1 of 7
HD74LS166A
8-bit Shift Register
REJ03D0450-0400
Rev.4.00
May 10, 2006
The inputs are buffered to lower the drive requirements to one series 74 or 74LS standard load, respectively. Input
clamping diodes minimize switching transients and simplify system design. This parallel in or serial-in, serial-out shift
register has a complexity of 77 equivalent gates on a monolithic chip. This device features gated clock inputs and an
overriding clear input.
The parallel-in or serial-in modes are established by the shift / load input.
When high, this input enables the serial data input and couples the eight flip-flops for serial shifting with each clock
pulse. When low, the parallel (broadside) data inputs are enabled and synchronous loading occurs on the next clock
pulse, during parallel loading, serial data flow is inhibited.
This, of course, allows the system clock to be free running and the register can be stopped on command with the other
clock input. The clock-inhibit input should be changed to the high level only while the clock input is high. A buffered,
direct clear input overrides all other inputs, including the clock, and sets all flip-flops to zero.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS166AP
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
Pin Arrangement
(Top view)
VCC
GND
15
16
1
2
3
4
5
6
7
14
8
9
10
11
12
13
Serial
Input
Clock
Inhibit
Clock
Clear
A
B
C
D
Output QH
Parallel
Input H
E
F
G
Shift/
Load
Parallel
Inputs
Parallel
Inputs


Similar Part No. - HD74LS166AP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS166A HITACHI-HD74LS166A Datasheet
91Kb / 7P
8-bit Shift Registers
HD74LS166A HITACHI-HD74LS166A Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS166AP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
8-BIT SHIFT REGISTER
1996 REV 3
logo
Toshiba Semiconductor
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
8-BIT SHIFT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
8-bit Shift Register
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
8-BIT SHIFT REGISTER
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com