Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS191 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS191
Description  Synchronous Up / Down 4-bit Binary Counter (single clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS191 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS191 Datasheet HTML 1Page - Renesas Technology Corp HD74LS191 Datasheet HTML 2Page - Renesas Technology Corp HD74LS191 Datasheet HTML 3Page - Renesas Technology Corp HD74LS191 Datasheet HTML 4Page - Renesas Technology Corp HD74LS191 Datasheet HTML 5Page - Renesas Technology Corp HD74LS191 Datasheet HTML 6Page - Renesas Technology Corp HD74LS191 Datasheet HTML 7Page - Renesas Technology Corp HD74LS191 Datasheet HTML 8Page - Renesas Technology Corp HD74LS191 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HD74LS191
Rev.2.00, Feb.18.2005, page 5 of 10
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
Maximum clock
frequency
ƒmax
Clock
QA, QB, QC, QD
20
25
MHz
tPLH
22
33
tPHL
Load
QA, QB, QC, QD
33
50
ns
tPLH
20
32
tPHL
Data A,
B, C, D
QA, QB, QC, QD
27
40
ns
tPLH
13
20
tPHL
Clock
Ripple Clock
16
24
ns
tPLH
16
24
tPHL
Clock
QA, QB, QC, QD
24
36
ns
tPLH
28
42
tPHL
Clock
Max / Min
37
52
ns
tPLH
30
45
tPHL
Down /
Up
Ripple Clock
30
45
ns
tPLH
21
33
tPHL
Down /
Up
Max / Min
22
33
ns
tPLH
21
33
Propagation
delay time
tPHL
Enable
Ripple Clock
22
33
ns
CL = 15 pF,
RL = 2 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com