Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS191 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LS191
Description  Synchronous Up / Down 4-bit Binary Counter (single clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS191 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LS191 Datasheet HTML 1Page - Renesas Technology Corp HD74LS191 Datasheet HTML 2Page - Renesas Technology Corp HD74LS191 Datasheet HTML 3Page - Renesas Technology Corp HD74LS191 Datasheet HTML 4Page - Renesas Technology Corp HD74LS191 Datasheet HTML 5Page - Renesas Technology Corp HD74LS191 Datasheet HTML 6Page - Renesas Technology Corp HD74LS191 Datasheet HTML 7Page - Renesas Technology Corp HD74LS191 Datasheet HTML 8Page - Renesas Technology Corp HD74LS191 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.2.00, Feb.18.2005, page 1 of 10
HD74LS191
Synchronous Up / Down 4-bit Binary Counter (single clock line)
REJ03D0453–0200
Rev.2.00
Feb.18.2005
Synchronous operation is provided by having all flip-flops clocked simultaneously so that the steering logic. This mode
of operation eliminates the output counting spikes normally associated with asynchronous (ripple clock) counters. The
outputs of the four master-slave flip-flops are triggered on a low-to-high-level transition of the clock input if the enable
input is high. The direction of the count is determined by the level of the down / up input. When low, the counter
counts up and when high, it counts down. Level changes at the down / up input should be made only when the clock
input is high. This counter is fully programmable; that is, the outputs may be preset to either level by placing a low on
the load input and entering the desired data at the data inputs. The output will change to agree with the data inputs
independently of the level of the clock input. This feature allows the counters to be used as modulo-N dividers by
simply modifying the count length with the preset inputs. The clock, down / up, and load inputs are buffered to lower
the drive requirement which significantly reduces the number of clock drivers, etc., required for long parallel words.
Two outputs have been made available to perform the cascading function; ripple clock and made available to perform
the cascading function; ripple clock and maximum / minimum count. The latter output produces a high-level output
pulse with a duration approximately equal to one complete cycles to the clock when the counter overflows or
underflows. The ripple clock output produces a low-level output pulse equal in width to the low-level portion of the
clock input when an overflow or underflow condition exists.
The counters can be easily cascaded by feeding the ripple clock output to the enable input of the succeeding counter if
parallel clocking is used, or to the clock input if parallel enabling is used. The maximum / minimum count output can
be used to accomplish look-ahead for high-speed operation.
Features
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LS191P
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
—
HD74LS191FPEL
SOP-16 pin (JEITA)
PRSP0016DH-B
(FP-16DAV)
FP
EL (2,000 pcs/reel)
Note:
Please consult the sales office for the above package availability.


Similar Part No. - HD74LS191

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS191 HITACHI-HD74LS191 Datasheet
98Kb / 7P
Synchronous Up/Down 4-bit Binary Counters(single clock line)
HD74LS191 HITACHI-HD74LS191 Datasheet
6Mb / 273P
Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS191

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Hitachi Semiconductor
HD74HC190 HITACHI-HD74HC190 Datasheet
75Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Single Clock Line)
HD74HC192 HITACHI-HD74HC192 Datasheet
74Kb / 13P
Synchronous Up/Down Decade,4-bit Binary Counter(Dual Clock Line)
HD74LS191 HITACHI-HD74LS191 Datasheet
98Kb / 7P
Synchronous Up/Down 4-bit Binary Counters(single clock line)
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com