Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS191 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LS191
Description  Synchronous Up / Down 4-bit Binary Counter (single clock line)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS191 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD74LS191 Datasheet HTML 3Page - Renesas Technology Corp HD74LS191 Datasheet HTML 4Page - Renesas Technology Corp HD74LS191 Datasheet HTML 5Page - Renesas Technology Corp HD74LS191 Datasheet HTML 6Page - Renesas Technology Corp HD74LS191 Datasheet HTML 7Page - Renesas Technology Corp HD74LS191 Datasheet HTML 8Page - Renesas Technology Corp HD74LS191 Datasheet HTML 9Page - Renesas Technology Corp HD74LS191 Datasheet HTML 10Page - Renesas Technology Corp HD74LS191 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
HD74LS191
Rev.2.00, Feb.18.2005, page 7 of 10
Testing Method
Test Circuit
4.5V
Ripple
Clock
Load circuit 1
Output
VCC
RL
CL
Input
P.G.
Zout = 50
A
B
Down/Up
Clock
C
D
Load
Enable
QA
QB
QC
QD
Max/Min
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Same as Load Circuit 1.
Output
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Waveforms 1
Output
Data Input
Load Input
1.3V
1.3V
1.3V
1.3V
tTHL
tTLH
tTLH
tTLH
tsu
tsu
VOH
VOL
0V
3V
0V
3V
10%
10%
10%
10%
90%
90%
90%
90%
Note:
Input pulse: tTLH, tTHL
≤ 10 ns, PRR = 1 MHz, duty cycle ≤ 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com