Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS293P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LS293P
Description  4-bit Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS293P Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LS293P Datasheet HTML 1Page - Renesas Technology Corp HD74LS293P Datasheet HTML 2Page - Renesas Technology Corp HD74LS293P Datasheet HTML 3Page - Renesas Technology Corp HD74LS293P Datasheet HTML 4Page - Renesas Technology Corp HD74LS293P Datasheet HTML 5Page - Renesas Technology Corp HD74LS293P Datasheet HTML 6Page - Renesas Technology Corp HD74LS293P Datasheet HTML 7Page - Renesas Technology Corp HD74LS293P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74LS293
Rev.3.00, Jul.15.2005, page 4 of 7
Switching Characteristics
(VCC = 5 V, Ta = 25°C)
Item
Symbol
Inputs
Outputs
min.
typ.
max.
Unit
Condition
A
QA
32
42
—
Maximum count
frequency
ƒmax
B
QB
16
—
—
MHz
tPLH
—
10
16
tPHL
A
QA
—
12
18
ns
tPLH
—
46
70
tPHL
A
QD
—
46
70
ns
tPLH
—
10
16
tPHL
B
QB
—
14
21
ns
tPLH
—
21
32
tPHL
B
QC
—
23
35
ns
tPLH
—
34
51
tPHL
B
QD
—
34
51
ns
Propagation delay
time
tPHL
Set-to-0
QA to QD
—
26
40
ns
CL = 15 pF,
RL = 2 k
Ω
Timing Method
A or B
Input
R0
0 V
3 V
0 V
3 V
1.3 V
1.3 V
tw
tsu
1.3 V
1.3 V
tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com