Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS293P Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD74LS293P
Description  4-bit Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS293P Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD74LS293P Datasheet HTML 1Page - Renesas Technology Corp HD74LS293P Datasheet HTML 2Page - Renesas Technology Corp HD74LS293P Datasheet HTML 3Page - Renesas Technology Corp HD74LS293P Datasheet HTML 4Page - Renesas Technology Corp HD74LS293P Datasheet HTML 5Page - Renesas Technology Corp HD74LS293P Datasheet HTML 6Page - Renesas Technology Corp HD74LS293P Datasheet HTML 7Page - Renesas Technology Corp HD74LS293P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
HD74LS293
Rev.3.00, Jul.15.2005, page 5 of 7
Testing Method
Test Circuit
4.5V
QA
Load circuit 1
QA
VCC
RL
CL
P.G.
Zout = 50
Ω
A
B
R0(1)
R0(2)
QC
QD
QB
Same as Load Circuit 1.
QB
Same as Load Circuit 1.
QC
Same as Load Circuit 1.
QD
Notes:
1.
CL includes probe and jig capacitance.
2.
All diodes are 1S2074(H).
Testing Table
Inputs
Outputs
Item
From input to output
A
B
R0
QA
QB
QC
QD
A
→Q
IN
to QA
GND
OUT
OUT
OUT
OUT
ƒmax
B
→Q
4.5V
IN
GND
—
OUT
OUT
OUT
A
→QA
IN
to QA
GND
OUT
—
—
—
A
→QD
IN
to QA
GND
—
—
—
OUT
B
→QB
4.5V
IN
GND
—
OUT
—
—
B
→QC
4.5V
IN
GND
—
—
OUT
—
B
→QD
4.5V
IN
GND
—
—
—
OUT
tPLH
tPHL
R0
→Q**
IN*
to QA
IN
OUT
OUT
OUT
OUT
Notes: * For initialized.
** Measured with each input and unused inputs at 4.5 V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com