Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74LS293P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LS293P
Description  4-bit Binary Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS293P Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74LS293P Datasheet HTML 1Page - Renesas Technology Corp HD74LS293P Datasheet HTML 2Page - Renesas Technology Corp HD74LS293P Datasheet HTML 3Page - Renesas Technology Corp HD74LS293P Datasheet HTML 4Page - Renesas Technology Corp HD74LS293P Datasheet HTML 5Page - Renesas Technology Corp HD74LS293P Datasheet HTML 6Page - Renesas Technology Corp HD74LS293P Datasheet HTML 7Page - Renesas Technology Corp HD74LS293P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
HD74LS293
Rev.3.00, Jul.15.2005, page 6 of 7
Waveforms 1
ƒ
max, tPLH, tPHL, (Clock→Q)
VOH
VOL
VOH
VOL
VOH
VOL
VOH
VOL
0V
3V
Clock
QA
QB
QC
QD
1.3 V
tTHL
tPHL (Measure at tn+8)
1.3 V
tPHL (Measure at tn+4)
1.3 V
tPHL(Measure at tn+2)
1.3 V
tPLH (Measure at tn+1)
1.3 V
tPLH (Measure at tn+2)
1.3 V
tPLH (Measure at tn+4)
1.3 V
tPLH (Measure at tn+8)
1.3 V
tPHL (Measure at tn+16)
1.3 V
10%
90%
tTLH
10%
90%
1.3 V
Notes:
1.
Clock input pulse; tTLH
≤ 15 ns, t
THL
≤ 6 ns, PRR = 1 MHz, duty cycle = 50%
and : for
ƒ
max, tTLH = tTHL
≤ 2.5 ns.
2.
tn is reference bit time when all outputs are low.
Waveforms 2
tPHL, (R0→Q)
tw ≥ 15ns
VOH
VOL
0 V
3 V
tPHL
10%
90%
1.3 V
1.3 V
1.3 V
10%
90%
R0
QA to QD
tTLH
tTHL
Note:
tTLH
≤ 15 ns, t
THL
≤ 5 ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com