Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5545 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5545
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5545 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5545 Datasheet HTML 1Page - Renesas Technology Corp 2SC5545 Datasheet HTML 2Page - Renesas Technology Corp 2SC5545 Datasheet HTML 3Page - Renesas Technology Corp 2SC5545 Datasheet HTML 4Page - Renesas Technology Corp 2SC5545 Datasheet HTML 5Page - Renesas Technology Corp 2SC5545 Datasheet HTML 6Page - Renesas Technology Corp 2SC5545 Datasheet HTML 7Page - Renesas Technology Corp 2SC5545 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SC5545
Rev.2.00 Aug 10, 2005 page 6 of 7
Sparameter
(VCE = 3V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.567
–60.8
34.04
146.8
0.0207
67.3
0.817
–37.3
200
0.539
–102.7
24.61
125.5
0.0329
54.3
0.605
–63.5
300
0.528
–128.1
18.16
113.2
0.0399
50.6
0.463
–80.5
400
0.525
–143.2
14.26
105.5
0.0447
50.3
0.379
–92.4
500
0.518
–153.6
11.65
100.2
0.0495
51.6
0.327
–101.8
600
0.526
–161.2
9.82
96.4
0.0545
53.3
0.293
–109.6
700
0.526
–167.9
8.48
92.9
0.0594
54.8
0.269
–116.2
800
0.528
–172.8
7.46
90.0
0.0639
56.1
0.253
–121.9
900
0.532
–178.3
6.63
87.4
0.0698
57.7
0.242
–127.0
1000
0.535
178.2
6.00
85.1
0.0741
58.7
0.235
–131.2
1100
0.536
174.2
5.48
82.9
0.0801
59.5
0.229
–135.1
1200
0.549
170.6
5.04
81.0
0.0851
60.6
0.225
–139.1
1300
0.546
167.6
4.67
79.1
0.0901
60.9
0.223
–142.0
1400
0.547
165.4
4.34
77.4
0.0961
61.5
0.222
–144.7
1500
0.552
162.4
4.09
75.7
0.102
62.1
0.222
–147.2
1600
0.562
159.4
3.82
74.0
0.106
62.3
0.223
–149.7
1700
0.561
157.3
3.62
72.5
0.113
62.5
0.224
–152.3
1800
0.563
154.8
3.43
70.7
0.118
62.9
0.227
–154.3
1900
0.573
152.5
3.26
69.2
0.124
62.3
0.229
–155.8
2000
0.577
150.0
3.13
67.8
0.130
63.0
0.232
–157.6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com