Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5545 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5545
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5545 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5545 Datasheet HTML 1Page - Renesas Technology Corp 2SC5545 Datasheet HTML 2Page - Renesas Technology Corp 2SC5545 Datasheet HTML 3Page - Renesas Technology Corp 2SC5545 Datasheet HTML 4Page - Renesas Technology Corp 2SC5545 Datasheet HTML 5Page - Renesas Technology Corp 2SC5545 Datasheet HTML 6Page - Renesas Technology Corp 2SC5545 Datasheet HTML 7Page - Renesas Technology Corp 2SC5545 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2SC5545
Rev.2.00 Aug 10, 2005 page 3 of 7
Main Characteristics
200
150
100
50
0
50
100
150
200
10
0.1
1
10
12
5
10
20
50
100
0
4
8
12
16
20
100
200
0
1
20
100
Ambient Temperature
Ta (°C)
Maximum Collector Dissipation Curve
Collector to Base Voltage
VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Collector Current
IC (mA)
Gain Bandwidth Product vs.
Collector Current
25
50
V
= 3 V
CE
0.4
0.8
1.2
1.6
2.0
0
0.2
0.5
2
5
V
= 3 V
CE
I
= 0
f = 1MHz
E
1
5
10
50
100
10
3
5
0
1
20
100
Power Gain vs. Collector Current
Collector Current
IC (mA)
Noise Figure vs. Collector Current
25
50
0
4
8
12
16
20
Collector Current
IC (mA)
2
20
V
= 3 V
CE
f = 900MHz
4
2
1
V
= 3 V
CE
f = 900MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com