Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5545 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5545
Description  Silicon NPN Epitaxial VHF / UHF wide band amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5545 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5545 Datasheet HTML 1Page - Renesas Technology Corp 2SC5545 Datasheet HTML 2Page - Renesas Technology Corp 2SC5545 Datasheet HTML 3Page - Renesas Technology Corp 2SC5545 Datasheet HTML 4Page - Renesas Technology Corp 2SC5545 Datasheet HTML 5Page - Renesas Technology Corp 2SC5545 Datasheet HTML 6Page - Renesas Technology Corp 2SC5545 Datasheet HTML 7Page - Renesas Technology Corp 2SC5545 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00 Aug 10, 2005 page 1 of 7
2SC5545
Silicon NPN Epitaxial
VHF / UHF wide band amplifier
REJ03G0747-0200
(Previous ADE-208-746)
Rev.2.00
Aug.10.2005
Features
• Excellent inter modulation characteristic
• High power gain and low noise figure ;
PG=16dB typ. , NF=1.1dB typ. at f=900MHz
Outline
RENESAS Package code: PLSP0004ZA-A
(Package name: MPAK-4)
1. Collector
2. Emitter
3. Base
4. Emitter
1
4
3
2
Note: Marking is “ZS-”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
15
V
Collector to emitter voltage
VCEO
6
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
50
mA
Collector power dissipation
Pc
150
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SC5545

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5545 HITACHI-2SC5545 Datasheet
45Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results

Similar Description - 2SC5545

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5757 RENESAS-2SC5757 Datasheet
215Kb / 9P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com