Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5624 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5624
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5624 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5624 Datasheet HTML 1Page - Renesas Technology Corp 2SC5624 Datasheet HTML 2Page - Renesas Technology Corp 2SC5624 Datasheet HTML 3Page - Renesas Technology Corp 2SC5624 Datasheet HTML 4Page - Renesas Technology Corp 2SC5624 Datasheet HTML 5Page - Renesas Technology Corp 2SC5624 Datasheet HTML 6Page - Renesas Technology Corp 2SC5624 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2SC5624
Rev.3.00, Feb.21.2005, page 5 of 6
S Parameter
(VCE = 2 V, IC = 30 mA, Zo = 50
Ω )
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.445
–27.3
46.66
163.5
0.0055
83.8
0.904
–12.9
200
0.447
–54.4
42.27
147.1
0.0115
78.6
0.846
–26.8
300
0.439
–78.7
36.16
133.0
0.0165
73.6
0.750
–39.3
400
0.432
–98.8
30.59
122.2
0.0207
68.8
0.650
–48.8
500
0.424
–112.8
25.84
114.5
0.0246
67.1
0.561
–55.9
600
0.414
–124.3
22.15
108.9
0.0277
66.1
0.487
–61.4
700
0.407
–133.4
19.22
104.4
0.0307
65.0
0.426
–65.3
800
0.398
–141.5
16.94
100.8
0.0335
65.3
0.376
–68.6
900
0.390
–147.9
15.05
97.7
0.0372
64.4
0.335
–70.7
1000
0.386
–154.1
13.63
95.3
0.0398
65.1
0.301
–72.5
1100
0.381
–159.0
12.45
93.3
0.0420
65.2
0.273
–73.7
1200
0.377
–164.0
11.48
91.3
0.0452
65.0
0.250
–74.5
1300
0.371
–167.8
10.60
89.6
0.0480
64.5
0.229
–74.9
1400
0.370
–171.8
9.84
87.7
0.0509
64.7
0.213
–75.1
1500
0.367
–175.7
9.23
86.1
0.0535
64.3
0.197
–75.2
1600
0.368
–178.8
8.66
84.7
0.0567
64.1
0.186
–74.7
1700
0.370
178.0
8.16
83.4
0.0595
64.4
0.173
–74.7
1800
0.360
174.7
7.72
82.2
0.0623
64.3
0.164
–74.0
1900
0.365
172.0
7.33
80.8
0.0651
64.0
0.156
–73.6
2000
0.365
168.9
6.95
79.4
0.0682
63.8
0.148
–72.7
2100
0.362
166.8
6.66
78.2
0.0709
63.1
0.142
–72.0
2200
0.372
164.1
6.35
77.0
0.0737
63.0
0.135
–71.3
2300
0.370
160.9
6.08
75.6
0.0764
62.3
0.130
–70.8
2400
0.372
159.0
5.86
74.6
0.0795
62.3
0.125
–69.9
2500
0.378
156.6
5.64
73.5
0.0824
62.0
0.121
–68.7
2600
0.370
154.5
5.42
72.3
0.0848
61.6
0.117
–68.5
2700
0.382
152.2
5.24
71.3
0.0874
61.7
0.113
–67.1
2800
0.388
150.7
5.03
70.3
0.0906
60.7
0.109
–66.8
2900
0.387
147.6
4.86
69.0
0.0928
61.0
0.105
–65.7
3000
0.388
146.9
4.72
67.9
0.0964
59.7
0.102
–65.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com