Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5624 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5624
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5624 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5624 Datasheet HTML 1Page - Renesas Technology Corp 2SC5624 Datasheet HTML 2Page - Renesas Technology Corp 2SC5624 Datasheet HTML 3Page - Renesas Technology Corp 2SC5624 Datasheet HTML 4Page - Renesas Technology Corp 2SC5624 Datasheet HTML 5Page - Renesas Technology Corp 2SC5624 Datasheet HTML 6Page - Renesas Technology Corp 2SC5624 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00, Feb.21.2005, page 1 of 6
2SC5624
Silicon NPN Epitaxial
High Frequency Low Noise Amplifier
REJ03G0129-0300
Rev.3.00
Feb.21.2005
Features
• High gain bandwidth product
fT = 28 GHz typ.
• High power gain and low noise figure;
PG = 18 dB typ., NF = 1.2 dB typ. at f = 1.8 GHz
Outline
RENESAS Package code: PTSP0004ZA-A
(Package name: CMPAK-4)
1. Emitter
2. Collector
3. Emitter
4. Base
1
4
3
2
1
4
3
2
Note:
Marking is “VH-”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
10
V
Collector to emitter voltage
VCEO
3.5
V
Emitter to base voltage
VEBO
0.8
V
Collector current
IC
35
mA
Collector power dissipation
Pc
100
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note: Value on PCB (40 x 40 x 1.0mm)


Similar Part No. - 2SC5624

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5624 HITACHI-2SC5624 Datasheet
105Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
More results

Similar Description - 2SC5624

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
Hitachi Semiconductor
2SC5594 HITACHI-2SC5594 Datasheet
53Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5624 HITACHI-2SC5624 Datasheet
105Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
logo
Renesas Technology Corp
2SC5820 RENESAS-2SC5820 Datasheet
147Kb / 11P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier / Oscillator
2SC5594 RENESAS-2SC5594 Datasheet
89Kb / 8P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5593 RENESAS-2SC5593 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
2SC5623 RENESAS-2SC5623 Datasheet
176Kb / 10P
Silicon NPN Epitaxial High Frequency Low Noise Amplifier
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA801T RENESAS-UPA801T Datasheet
217Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
UPA810T RENESAS-UPA810T Datasheet
223Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com