Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5624 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5624
Description  Silicon NPN Epitaxial High Frequency Low Noise Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5624 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5624 Datasheet HTML 1Page - Renesas Technology Corp 2SC5624 Datasheet HTML 2Page - Renesas Technology Corp 2SC5624 Datasheet HTML 3Page - Renesas Technology Corp 2SC5624 Datasheet HTML 4Page - Renesas Technology Corp 2SC5624 Datasheet HTML 5Page - Renesas Technology Corp 2SC5624 Datasheet HTML 6Page - Renesas Technology Corp 2SC5624 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5624
Rev.3.00, Feb.21.2005, page 3 of 6
1
5
10
50
100
10
1
10
100
3
5
0
1
20
100
Power Gain vs. Collector Current
Collector Current
IC (mA)
Noise Figure vs. Collector Current
25
50
4
8
12
16
20
0
25
20
50
0
4
8
12
16
20
Collector Current
IC (mA)
2
20
4
2
1
S21 Parameter vs. Collector Current
Collector Current
IC (mA)
VCE = 2 V
f = 1.8 GHz
VCE = 2 V
f = 2 GHz
VCE = 2 V
f = 1.8 GHz
0.1
1
10
12
5
10
20
50
100
0
10
20
30
40
50
Collector to Base Voltage
VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
Collector Current
IC (mA)
Gain Bandwidth Product vs.
Collector Current
0.2
0.4
0.6
0.8
1.0
0
0.2
0.5
2
5
IE = 0
f = 1 MHz
VCE = 2 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com