Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5757 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5757
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5757 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5757 Datasheet HTML 1Page - Renesas Technology Corp 2SC5757 Datasheet HTML 2Page - Renesas Technology Corp 2SC5757 Datasheet HTML 3Page - Renesas Technology Corp 2SC5757 Datasheet HTML 4Page - Renesas Technology Corp 2SC5757 Datasheet HTML 5Page - Renesas Technology Corp 2SC5757 Datasheet HTML 6Page - Renesas Technology Corp 2SC5757 Datasheet HTML 7Page - Renesas Technology Corp 2SC5757 Datasheet HTML 8Page - Renesas Technology Corp 2SC5757 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC5757
Rev.5.00 Aug 10, 2005 page 6 of 8
Sparameter
(VCE = 1V, IC = 5mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.797
–40.0
14.26
154.3
0.048
69.8
0.881
–28.5
200
0.695
–75.2
11.44
133.4
0.081
54.5
0.709
–52.2
300
0.638
–100.7
9.03
119.6
0.099
46.6
0.559
–69.4
400
0.594
–117.6
7.23
110.7
0.109
42.7
0.457
–81.5
500
0.571
–130.8
6.00
103.8
0.116
41.1
0.388
–91.3
600
0.558
–140.3
5.13
98.8
0.122
41.1
0.336
–99.7
700
0.548
–148.5
4.43
94.6
0.128
41.2
0.300
–107.0
800
0.545
–154.4
3.93
90.9
0.134
42.6
0.274
–113.5
900
0.539
–160.1
3.52
88.0
0.139
43.6
0.254
–120.0
1000
0.541
–164.6
3.20
85.0
0.145
45.0
0.238
–125.7
1100
0.542
–169.1
2.93
82.5
0.150
46.3
0.227
–130.8
1200
0.543
–171.9
2.71
80.2
0.156
48.1
0.221
–135.9
1300
0.546
–175.6
2.53
77.9
0.163
49.1
0.213
–141.1
1400
0.546
–178.4
2.36
75.6
0.169
50.5
0.209
–144.8
1500
0.552
179.4
2.23
73.8
0.176
51.8
0.207
–149.5
1600
0.558
176.4
2.10
71.6
0.183
52.8
0.205
–153.0
1700
0.558
174.2
2.00
70.1
0.191
54.0
0.206
–156.9
1800
0.570
171.7
1.90
68.5
0.198
55.0
0.207
–160.7
1900
0.577
169.6
1.81
66.6
0.206
56.1
0.210
–163.9
2000
0.578
167.8
1.75
65.3
0.214
56.7
0.212
–167.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com