Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5757 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5757
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5757 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC5757 Datasheet HTML 1Page - Renesas Technology Corp 2SC5757 Datasheet HTML 2Page - Renesas Technology Corp 2SC5757 Datasheet HTML 3Page - Renesas Technology Corp 2SC5757 Datasheet HTML 4Page - Renesas Technology Corp 2SC5757 Datasheet HTML 5Page - Renesas Technology Corp 2SC5757 Datasheet HTML 6Page - Renesas Technology Corp 2SC5757 Datasheet HTML 7Page - Renesas Technology Corp 2SC5757 Datasheet HTML 8Page - Renesas Technology Corp 2SC5757 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC5757
Rev.5.00 Aug 10, 2005 page 7 of 8
(VCE = 1V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.512
-94.1
30.18
133.2
0.031
60.2
0.643
-66.8
200
0.523
-134.9
18.31
112.6
0.044
54.5
0.459
-104.5
300
0.531
-151.8
12.60
102.9
0.054
57.1
0.386
-126.5
400
0.533
-161.4
9.53
97.8
0.065
60.5
0.355
-140.6
500
0.540
-168.0
7.67
93.7
0.076
63.2
0.341
-150.2
600
0.539
-172.3
6.43
90.7
0.088
65.5
0.333
-157.8
700
0.541
-176.7
5.49
88.2
0.100
66.6
0.330
-163.7
800
0.543
-179.7
4.83
86.0
0.111
67.8
0.328
-168.7
900
0.545
177.0
4.30
84.3
0.123
68.4
0.328
-172.9
1000
0.547
174.3
3.91
82.1
0.135
69.1
0.329
-176.7
1100
0.550
171.8
3.57
80.6
0.148
69.5
0.329
-180.0
1200
0.552
170.0
3.29
79.0
0.159
69.9
0.332
176.9
1300
0.557
167.3
3.05
77.5
0.172
69.8
0.334
174.2
1400
0.566
165.5
2.87
75.8
0.184
70.0
0.336
171.5
1500
0.570
163.7
2.68
74.4
0.197
70.0
0.339
169.2
1600
0.569
162.0
2.54
73.2
0.208
69.9
0.341
167.1
1700
0.570
160.2
2.41
71.4
0.220
69.5
0.345
164.7
1800
0.580
158.3
2.29
70.8
0.233
69.2
0.350
162.8
1900
0.588
157.6
2.19
69.2
0.244
69.4
0.355
161.0
2000
0.587
154.9
2.12
68.0
0.256
69.1
0.360
158.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com