Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5757 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5757
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5757 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5757 Datasheet HTML 1Page - Renesas Technology Corp 2SC5757 Datasheet HTML 2Page - Renesas Technology Corp 2SC5757 Datasheet HTML 3Page - Renesas Technology Corp 2SC5757 Datasheet HTML 4Page - Renesas Technology Corp 2SC5757 Datasheet HTML 5Page - Renesas Technology Corp 2SC5757 Datasheet HTML 6Page - Renesas Technology Corp 2SC5757 Datasheet HTML 7Page - Renesas Technology Corp 2SC5757 Datasheet HTML 8Page - Renesas Technology Corp 2SC5757 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.5.00 Aug 10, 2005 page 1 of 8
2SC5757
Silicon NPN Epitaxial
VHF/UHF wide band amplifier
REJ03G0753-0500
(Previous ADE-208-1396D)
Rev.5.00
Aug.10.2005
Features
Super compact package: MFPAK (1.4 x 0.8 x 0.59 mm)
Outline
1. Emitter
2. Base
3. Collector
1
3
2
RENESAS Package code: PUSF0003ZA-A
(Package name: MFPAK R )
Note: Marking is “WE–“.
*MFPAK is a trademark of Renesas Technology Corp.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
10
V
Collector to emitter voltage
VCEO
3.5
V
Emitter to base voltage
VEBO
1.5
V
Collector current
IC
80
mA
Collector power dissipation
Pc
80
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C


Similar Part No. - 2SC5757

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5757 HITACHI-2SC5757 Datasheet
109Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
More results

Similar Description - 2SC5757

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC5773 HITACHI-2SC5773 Datasheet
91Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5554 HITACHI-2SC5554 Datasheet
49Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
Silicon NPN Epitaxial UHF / VHF wide band amplifier
logo
Renesas Technology Corp
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5555 RENESAS-2SC5555 Datasheet
197Kb / 8P
Silicon NPN Epitaxial VHF / UHF wide band amplifier
2SC5758 RENESAS-2SC5758 Datasheet
224Kb / 9P
Silicon NPN Epitaxial VHF / UHF Wide band amplifier
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com