Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5772 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5772
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5772 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5772 Datasheet HTML 3Page - Renesas Technology Corp 2SC5772 Datasheet HTML 4Page - Renesas Technology Corp 2SC5772 Datasheet HTML 5Page - Renesas Technology Corp 2SC5772 Datasheet HTML 6Page - Renesas Technology Corp 2SC5772 Datasheet HTML 7Page - Renesas Technology Corp 2SC5772 Datasheet HTML 8Page - Renesas Technology Corp 2SC5772 Datasheet HTML 9Page - Renesas Technology Corp 2SC5772 Datasheet HTML 10Page - Renesas Technology Corp 2SC5772 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2SC5772
Rev.2.00 Aug 10, 2005 page 7 of 12
Sparameter
(VCE = 3V, IC = 10mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.651
-53.8
21.22
142.8
0.035
65.6
0.802
-35.5
200
0.502
-93.8
14.62
120.0
0.054
56.9
0.554
-56.2
300
0.431
-119.6
10.48
107.6
0.067
56.0
0.401
-66.9
400
0.396
-136.4
8.09
99.8
0.079
56.9
0.317
-72.8
500
0.381
-149.9
6.57
94.2
0.091
58.9
0.263
-77.2
600
0.364
-158.7
5.54
89.7
0.103
60.3
0.227
-80.4
700
0.365
-167.2
4.78
85.9
0.116
61.6
0.201
-83.3
800
0.364
-174.6
4.22
82.5
0.128
62.5
0.183
-85.6
900
0.362
179.5
3.75
79.3
0.141
63.1
0.168
-88.3
1000
0.362
173.4
3.41
76.4
0.154
63.6
0.158
-90.2
1100
0.366
168.8
3.12
73.9
0.167
63.7
0.150
-92.7
1200
0.366
164.6
2.89
71.2
0.179
63.8
0.144
-95.0
1300
0.373
160.3
2.69
68.8
0.192
63.6
0.138
-97.0
1400
0.372
155.8
2.51
66.4
0.205
63.4
0.135
-99.0
1500
0.379
152.6
2.37
64.3
0.217
63.2
0.133
-101.7
1600
0.382
149.1
2.24
62.0
0.231
62.8
0.131
-103.7
1700
0.386
145.0
2.14
60.1
0.243
62.5
0.130
-106.0
1800
0.393
142.2
2.03
58.0
0.254
61.8
0.129
-108.2
1900
0.390
139.2
1.94
55.9
0.268
61.6
0.129
-110.5
2000
0.400
135.4
1.87
54.0
0.278
60.7
0.129
-112.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com