Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5772 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5772
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5772 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5772 Datasheet HTML 5Page - Renesas Technology Corp 2SC5772 Datasheet HTML 6Page - Renesas Technology Corp 2SC5772 Datasheet HTML 7Page - Renesas Technology Corp 2SC5772 Datasheet HTML 8Page - Renesas Technology Corp 2SC5772 Datasheet HTML 9Page - Renesas Technology Corp 2SC5772 Datasheet HTML 10Page - Renesas Technology Corp 2SC5772 Datasheet HTML 11Page - Renesas Technology Corp 2SC5772 Datasheet HTML 12Page - Renesas Technology Corp 2SC5772 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2SC5772
Rev.2.00 Aug 10, 2005 page 10 of 12
(VCE = 5V, IC = 20mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.505
-66.9
29.11
134.6
0.026
65.8
0.707
-40.5
200
0.381
-108.9
18.04
112.9
0.040
62.3
0.448
-57.3
300
0.337
-132.7
12.44
102.5
0.053
64.6
0.318
-63.3
400
0.320
-148.4
9.46
96.2
0.065
66.7
0.252
-65.8
500
0.311
-161.0
7.63
91.6
0.079
68.2
0.211
-67.2
600
0.305
-168.4
6.40
87.7
0.092
69.2
0.184
-67.9
700
0.308
-176.8
5.51
84.5
0.105
69.7
0.165
-68.5
800
0.306
177.7
4.84
81.4
0.119
70.1
0.152
-69.2
900
0.311
172.1
4.30
78.8
0.133
70.0
0.142
-70.5
1000
0.309
166.8
3.90
76.1
0.145
69.8
0.134
-71.1
1100
0.313
163.3
3.57
73.7
0.159
69.5
0.128
-72.7
1200
0.321
158.2
3.29
71.4
0.172
69.0
0.124
-74.2
1300
0.318
154.7
3.06
69.1
0.184
68.3
0.119
-75.5
1400
0.323
150.1
2.86
67.2
0.198
67.9
0.117
-77.2
1500
0.333
147.6
2.69
65.1
0.210
67.3
0.114
-79.1
1600
0.338
145.0
2.53
63.0
0.223
66.6
0.113
-80.9
1700
0.338
139.3
2.41
61.0
0.236
66.1
0.113
-83.2
1800
0.344
136.8
2.29
59.1
0.248
65.1
0.111
-85.5
1900
0.344
134.7
2.19
57.3
0.260
64.5
0.110
-88.0
2000
0.351
131.2
2.10
55.5
0.271
63.4
0.110
-89.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com