Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5772 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 2SC5772
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5772 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 2SC5772 Datasheet HTML 5Page - Renesas Technology Corp 2SC5772 Datasheet HTML 6Page - Renesas Technology Corp 2SC5772 Datasheet HTML 7Page - Renesas Technology Corp 2SC5772 Datasheet HTML 8Page - Renesas Technology Corp 2SC5772 Datasheet HTML 9Page - Renesas Technology Corp 2SC5772 Datasheet HTML 10Page - Renesas Technology Corp 2SC5772 Datasheet HTML 11Page - Renesas Technology Corp 2SC5772 Datasheet HTML 12Page - Renesas Technology Corp 2SC5772 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
2SC5772
Rev.2.00 Aug 10, 2005 page 11 of 12
(VCE = 5V, IC = 50mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.360
-99.4
34.20
124.3
0.020
66.9
0.567
-48.7
200
0.329
-139.8
19.03
105.6
0.034
68.2
0.330
-60.7
300
0.323
-157.8
12.76
97.1
0.047
71.6
0.233
-63.2
400
0.323
-168.1
9.58
92.1
0.061
73.6
0.186
-63.4
500
0.326
-176.6
7.69
88.2
0.075
74.1
0.160
-63.3
600
0.328
177.5
6.42
85.0
0.089
74.6
0.142
-63.4
700
0.326
172.1
5.51
82.0
0.103
74.4
0.131
-63.6
800
0.332
166.9
4.85
79.2
0.117
74.1
0.122
-63.9
900
0.335
163.3
4.30
76.9
0.131
73.6
0.116
-65.2
1000
0.336
159.3
3.90
74.3
0.145
73.3
0.112
-65.9
1100
0.338
155.0
3.56
72.2
0.158
72.4
0.108
-67.9
1200
0.349
151.7
3.28
69.9
0.172
72.0
0.106
-69.5
1300
0.347
148.8
3.05
67.9
0.185
71.0
0.103
-70.9
1400
0.350
144.3
2.85
65.9
0.198
70.4
0.102
-73.3
1500
0.360
142.0
2.67
64.0
0.210
69.7
0.101
-75.5
1600
0.362
139.2
2.52
62.1
0.224
68.7
0.101
-77.7
1700
0.361
135.3
2.40
60.1
0.237
67.9
0.101
-80.0
1800
0.373
133.4
2.28
58.1
0.249
66.9
0.101
-82.5
1900
0.366
130.6
2.19
56.3
0.262
66.2
0.101
-85.5
2000
0.383
127.4
2.10
54.6
0.272
65.2
0.102
-87.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com