Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5773 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5773
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5773 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC5773 Datasheet HTML 3Page - Renesas Technology Corp 2SC5773 Datasheet HTML 4Page - Renesas Technology Corp 2SC5773 Datasheet HTML 5Page - Renesas Technology Corp 2SC5773 Datasheet HTML 6Page - Renesas Technology Corp 2SC5773 Datasheet HTML 7Page - Renesas Technology Corp 2SC5773 Datasheet HTML 8Page - Renesas Technology Corp 2SC5773 Datasheet HTML 9Page - Renesas Technology Corp 2SC5773 Datasheet HTML 10Page - Renesas Technology Corp 2SC5773 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
2SC5773
Rev.3.00 May 09, 2006 page 7 of 10
Sparameter
(VCE = 3 V, IC = 10 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.643
-68.8
21.09
137.1
0.042
60.3
0.740
-47.5
200
0.532
-112.2
13.52
114.6
0.061
51.4
0.487
-74.5
300
0.496
-135.9
9.42
103.2
0.073
51.7
0.355
-90.4
400
0.475
-150.6
7.19
96.2
0.085
53.9
0.288
-100.9
500
0.471
-160.9
5.80
91.1
0.097
56.1
0.250
-109.7
600
0.468
-168.0
4.88
87.0
0.109
57.8
0.225
-116.6
700
0.468
-174.7
4.21
83.2
0.121
59.5
0.210
-122.2
800
0.464
179.4
3.71
79.9
0.134
60.8
0.199
-126.8
900
0.467
174.7
3.30
77.0
0.148
61.7
0.193
-131.1
1000
0.465
169.9
3.00
74.1
0.161
62.2
0.187
-134.2
1100
0.468
166.5
2.75
71.6
0.174
62.5
0.185
-137.4
1200
0.477
162.7
2.55
69.1
0.188
62.9
0.184
-139.9
1300
0.478
159.2
2.38
66.6
0.201
62.7
0.182
-142.2
1400
0.479
155.7
2.23
64.4
0.215
62.7
0.182
-144.0
1500
0.483
152.8
2.10
62.2
0.227
62.8
0.183
-146.1
1600
0.486
149.7
1.98
59.9
0.242
62.4
0.185
-147.5
1700
0.490
146.0
1.89
58.0
0.255
62.2
0.186
-149.0
1800
0.489
143.6
1.80
55.9
0.268
61.8
0.187
-150.8
1900
0.492
140.7
1.73
54.1
0.281
61.3
0.190
-152.1
2000
0.497
137.9
1.67
51.9
0.292
60.8
0.192
-152.9
(VCE = 3 V, IC = 30 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.449
-112.7
29.89
120.9
0.029
59.9
0.534
-74.7
200
0.445
-148.0
16.17
103.3
0.044
62.6
0.336
-106.4
300
0.449
-163.2
10.77
95.7
0.059
66.4
0.269
-124.9
400
0.456
-171.8
8.08
90.8
0.075
68.8
0.242
-136.3
500
0.454
-178.9
6.47
87.2
0.092
70.0
0.230
-144.6
600
0.451
176.4
5.42
83.9
0.108
71.0
0.223
-150.6
700
0.455
171.6
4.65
81.1
0.124
71.0
0.219
-155.1
800
0.458
167.4
4.09
78.4
0.141
70.9
0.216
-158.9
900
0.462
163.5
3.65
76.0
0.158
70.6
0.216
-161.6
1000
0.455
160.3
3.32
73.5
0.173
70.1
0.214
-164.2
1100
0.463
156.4
3.02
71.6
0.190
69.7
0.215
-166.5
1200
0.469
153.6
2.80
69.1
0.205
69.0
0.215
-168.1
1300
0.465
150.9
2.61
67.3
0.220
68.1
0.214
-170.0
1400
0.471
147.1
2.45
65.3
0.236
67.6
0.216
-171.3
1500
0.477
144.9
2.30
63.3
0.251
66.8
0.216
-172.5
1600
0.477
142.5
2.17
61.2
0.268
66.0
0.217
-173.9
1700
0.473
138.9
2.08
59.5
0.282
65.2
0.218
-174.8
1800
0.483
136.9
1.98
57.7
0.296
64.0
0.219
-175.5
1900
0.479
133.8
1.90
55.9
0.311
63.3
0.220
-176.5
2000
0.482
131.3
1.84
53.8
0.322
62.3
0.220
-177.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com