Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5773 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5773
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5773 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5773 Datasheet HTML 3Page - Renesas Technology Corp 2SC5773 Datasheet HTML 4Page - Renesas Technology Corp 2SC5773 Datasheet HTML 5Page - Renesas Technology Corp 2SC5773 Datasheet HTML 6Page - Renesas Technology Corp 2SC5773 Datasheet HTML 7Page - Renesas Technology Corp 2SC5773 Datasheet HTML 8Page - Renesas Technology Corp 2SC5773 Datasheet HTML 9Page - Renesas Technology Corp 2SC5773 Datasheet HTML 10Page - Renesas Technology Corp 2SC5773 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2SC5773
Rev.3.00 May 09, 2006 page 8 of 10
(VCE = 3 V, IC = 50 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.421
-130.8
31.68
116.2
0.025
62.9
0.468
-84.7
200
0.437
-159.1
16.57
100.7
0.040
67.3
0.308
-117.4
300
0.448
-169.5
10.94
93.9
0.058
71.0
0.261
-135.2
400
0.449
-177.1
8.18
89.5
0.075
72.9
0.243
-145.5
500
0.461
177.1
6.57
86.2
0.092
73.4
0.236
-152.5
600
0.455
173.0
5.48
83.2
0.109
73.7
0.232
-158.0
700
0.459
168.3
4.71
80.5
0.126
73.5
0.230
-161.8
800
0.463
164.8
4.15
78.1
0.143
73.0
0.229
-164.9
900
0.465
161.9
3.68
75.9
0.161
72.6
0.229
-167.4
1000
0.464
158.2
3.35
73.3
0.177
71.9
0.228
-169.6
1100
0.467
154.9
3.07
71.3
0.193
70.8
0.229
-171.7
1200
0.468
152.0
2.83
69.3
0.210
70.2
0.229
-173.2
1300
0.467
148.7
2.64
67.2
0.225
69.0
0.229
-174.7
1400
0.475
145.2
2.47
65.2
0.241
68.4
0.230
-175.7
1500
0.477
143.4
2.33
63.5
0.257
67.5
0.230
-177.1
1600
0.482
141.3
2.20
61.4
0.273
66.5
0.231
-178.2
1700
0.480
137.3
2.11
59.7
0.288
65.6
0.232
-179.0
1800
0.485
135.5
2.01
57.8
0.303
64.6
0.232
-179.9
1900
0.481
132.8
1.92
56.1
0.318
63.7
0.234
179.0
2000
0.484
129.6
1.85
54.4
0.330
62.6
0.232
178.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com