Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5773 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5773
Description  Silicon NPN Epitaxial UHF / VHF wide band amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5773 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5773 Datasheet HTML 3Page - Renesas Technology Corp 2SC5773 Datasheet HTML 4Page - Renesas Technology Corp 2SC5773 Datasheet HTML 5Page - Renesas Technology Corp 2SC5773 Datasheet HTML 6Page - Renesas Technology Corp 2SC5773 Datasheet HTML 7Page - Renesas Technology Corp 2SC5773 Datasheet HTML 8Page - Renesas Technology Corp 2SC5773 Datasheet HTML 9Page - Renesas Technology Corp 2SC5773 Datasheet HTML 10Page - Renesas Technology Corp 2SC5773 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2SC5773
Rev.3.00 May 09, 2006 page 9 of 10
(VCE = 5 V, IC = 30 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.447
-102.8
31.04
123.3
0.028
60.6
0.552
-66.3
200
0.419
-142.1
17.16
105.0
0.042
62.5
0.333
-94.7
300
0.416
-158.2
11.49
96.8
0.057
66.4
0.250
-112.0
400
0.414
-168.7
8.63
91.7
0.072
69.2
0.214
-123.3
500
0.421
-176.4
6.92
88.0
0.088
70.2
0.196
-132.1
600
0.419
178.3
5.79
84.8
0.103
70.9
0.185
-138.6
700
0.418
173.3
4.98
81.8
0.119
70.9
0.179
-144.0
800
0.426
168.4
4.37
79.3
0.135
70.9
0.174
-148.5
900
0.425
165.9
3.89
76.6
0.151
70.7
0.173
-151.8
1000
0.423
161.7
3.53
74.2
0.166
70.5
0.171
-154.9
1100
0.428
157.9
3.23
72.1
0.181
69.8
0.171
-157.2
1200
0.432
154.3
2.98
70.0
0.196
69.3
0.171
-159.2
1300
0.429
151.6
2.79
67.9
0.211
68.4
0.170
-161.5
1400
0.436
148.6
2.60
66.1
0.226
67.9
0.171
-162.7
1500
0.437
145.5
2.45
64.1
0.240
67.0
0.172
-163.9
1600
0.447
143.3
2.31
61.9
0.256
66.3
0.173
-165.5
1700
0.445
140.2
2.20
60.1
0.270
65.8
0.174
-166.5
1800
0.450
137.2
2.09
58.5
0.283
64.5
0.174
-167.8
1900
0.447
134.6
2.01
56.3
0.298
63.8
0.177
-168.6
2000
0.453
131.5
1.94
54.7
0.309
62.8
0.177
-169.4
(VCE = 5 V, IC = 50 mA, Zo = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.402
-120.1
33.23
118.6
0.024
63.7
0.485
-74.9
200
0.406
-152.6
17.68
102.1
0.039
67.2
0.296
-104.7
300
0.414
-166.1
11.71
95.0
0.055
70.7
0.233
-122.4
400
0.413
-174.2
8.78
90.4
0.072
72.4
0.207
-133.6
500
0.417
179.5
7.03
87.0
0.088
73.0
0.195
-141.7
600
0.419
174.7
5.88
84.0
0.104
73.5
0.188
-147.9
700
0.419
169.9
5.05
81.3
0.121
73.2
0.185
-152.6
800
0.423
166.2
4.44
78.7
0.137
72.7
0.182
-156.4
900
0.427
161.6
3.94
76.4
0.154
72.3
0.182
-159.3
1000
0.423
158.2
3.58
73.9
0.169
71.6
0.180
-161.8
1100
0.428
154.7
3.27
71.9
0.185
70.9
0.181
-164.2
1200
0.428
152.5
3.02
70.0
0.201
70.4
0.181
-165.9
1300
0.435
148.6
2.82
67.8
0.216
69.3
0.181
-167.5
1400
0.434
145.2
2.65
65.9
0.231
68.8
0.182
-168.9
1500
0.443
143.0
2.48
64.2
0.246
67.8
0.182
-170.1
1600
0.447
140.4
2.35
62.1
0.262
66.9
0.184
-171.4
1700
0.444
137.3
2.24
60.4
0.275
65.9
0.185
-172.2
1800
0.451
134.1
2.13
58.6
0.290
64.9
0.186
-173.5
1900
0.445
132.1
2.05
56.7
0.304
64.2
0.187
-174.2
2000
0.454
129.3
1.96
54.9
0.316
63.0
0.187
-174.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com