Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5812 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5812
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5812 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SC5812 Datasheet HTML 1Page - Renesas Technology Corp 2SC5812 Datasheet HTML 2Page - Renesas Technology Corp 2SC5812 Datasheet HTML 3Page - Renesas Technology Corp 2SC5812 Datasheet HTML 4Page - Renesas Technology Corp 2SC5812 Datasheet HTML 5Page - Renesas Technology Corp 2SC5812 Datasheet HTML 6Page - Renesas Technology Corp 2SC5812 Datasheet HTML 7Page - Renesas Technology Corp 2SC5812 Datasheet HTML 8Page - Renesas Technology Corp 2SC5812 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SC5812
Rev.1.00 Aug 10, 2005 page 6 of 8
S Parameter
(VCE = 1 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.842
–16.3
15.23
164.9
0.015
80.2
0.963
–10.1
200
0.783
–31.7
14.17
152.2
0.027
72.9
0.904
–18.4
300
0.719
–44.6
12.84
141.4
0.037
66.8
0.826
–24.9
400
0.637
–55.4
11.41
131.8
0.045
62.9
0.754
–29.4
500
0.582
–65.9
10.25
124.8
0.051
60.8
0.691
–32.9
600
0.531
–73.2
9.16
118.6
0.056
60.1
0.638
–35.0
700
0.472
–80.9
8.22
113.1
0.061
59.7
0.595
–36.7
800
0.443
–87.0
7.49
108.9
0.065
60.0
0.561
–37.7
900
0.404
–92.3
6.80
104.6
0.069
60.7
0.530
–38.5
1000
0.377
–99.2
6.26
101.0
0.073
61.5
0.508
–39.1
1100
0.355
–103.4
5.80
98.1
0.077
62.8
0.490
–39.7
1200
0.337
–108.0
5.38
94.8
0.081
64.1
0.474
–40.4
1300
0.327
–112.6
5.04
92.4
0.085
65.0
0.461
–40.8
1400
0.305
–116.3
4.71
90.1
0.090
66.4
0.452
–41.7
1500
0.299
–120.3
4.45
87.7
0.094
67.5
0.440
–42.0
1600
0.297
–123.8
4.20
86.0
0.099
68.5
0.437
–42.8
1700
0.284
–127.7
3.98
83.6
0.104
70.0
0.428
–43.4
1800
0.282
–132.2
3.80
81.7
0.109
71.1
0.423
–44.3
1900
0.272
–134.3
3.62
79.8
0.114
72.0
0.418
–45.3
2000
0.268
–138.4
3.47
77.9
0.120
73.0
0.414
–46.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com