Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5812 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5812
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5812 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5812 Datasheet HTML 1Page - Renesas Technology Corp 2SC5812 Datasheet HTML 2Page - Renesas Technology Corp 2SC5812 Datasheet HTML 3Page - Renesas Technology Corp 2SC5812 Datasheet HTML 4Page - Renesas Technology Corp 2SC5812 Datasheet HTML 5Page - Renesas Technology Corp 2SC5812 Datasheet HTML 6Page - Renesas Technology Corp 2SC5812 Datasheet HTML 7Page - Renesas Technology Corp 2SC5812 Datasheet HTML 8Page - Renesas Technology Corp 2SC5812 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC5812
Rev.1.00 Aug 10, 2005 page 3 of 8
Main Characteristics
100
80
60
40
20
0
50
100
150
200
250
Ambient Temperature Ta (°C)
Collector Power Dissipation Curve
20
15
10
5
01
2
3
4
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
25
20
15
10
5
00.2
0.4
0.6
0.8
1.0
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
200
100
0
0.1
1.0
10
100
Collector Current
IC (mA)
DC Current Transfer Ratio vs.
Collector Current
IB = 20 µA
40
µA
60
µA
80 µA
100 µA
120 µA
140 µA
160 µA
VCE = 1 V
VCE = 1 V
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
2.5
3.0
Collector to Base Voltage
VCB (V)
1.0
0.8
0.6
0.4
0.2
0
0.5
1.0
1.5
2.0
2.5
3.0
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
Reverse Transfer Capacitance vs.
Collector to Base Voltage
IE = 0
f = 1 MHz
Emitter ground
f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com