Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5812 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC5812
Description  Silicon NPN Epitaxial VHF/UHF wide band amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5812 Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SC5812 Datasheet HTML 1Page - Renesas Technology Corp 2SC5812 Datasheet HTML 2Page - Renesas Technology Corp 2SC5812 Datasheet HTML 3Page - Renesas Technology Corp 2SC5812 Datasheet HTML 4Page - Renesas Technology Corp 2SC5812 Datasheet HTML 5Page - Renesas Technology Corp 2SC5812 Datasheet HTML 6Page - Renesas Technology Corp 2SC5812 Datasheet HTML 7Page - Renesas Technology Corp 2SC5812 Datasheet HTML 8Page - Renesas Technology Corp 2SC5812 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2SC5812
Rev.1.00 Aug 10, 2005 page 7 of 8
(VCE = 1 V, IC = 20 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.502
–40.3
36.64
147.5
0.013
76.3
0.824
–21.8
200
0.388
–66.7
27.85
127.8
0.021
70.3
0.653
–32.0
300
0.317
–84.6
21.13
116.2
0.027
69.3
0.531
–35.4
400
0.257
–99.2
16.75
108.5
0.034
72.2
0.460
–35.8
500
0.237
–109.6
13.87
103.5
0.040
73.6
0.416
–35.2
600
0.216
–115.5
11.77
99.5
0.047
75.0
0.387
–34.8
700
0.195
–125.0
10.19
96.1
0.054
75.6
0.367
–34.1
800
0.193
–129.2
9.00
93.5
0.060
76.3
0.352
–33.7
900
0.181
–135.9
8.03
90.8
0.068
77.1
0.340
–33.2
1000
0.179
–141.0
7.26
88.8
0.074
77.7
0.333
–33.3
1100
0.178
–142.4
6.66
86.8
0.081
78.1
0.326
–33.7
1200
0.176
–147.8
6.12
84.7
0.088
78.2
0.321
–34.0
1300
0.176
–150.0
5.68
83.2
0.094
78.4
0.317
–34.5
1400
0.166
–154.2
5.32
81.7
0.102
78.5
0.314
–35.1
1500
0.175
–158.0
4.97
80.0
0.109
78.6
0.311
–36.0
1600
0.172
–159.7
4.70
78.7
0.116
79.0
0.309
–36.8
1700
0.172
–162.4
4.43
77.0
0.123
78.9
0.307
–37.6
1800
0.179
–164.9
4.21
75.7
0.131
78.8
0.305
–38.6
1900
0.177
–166.8
4.01
74.3
0.138
78.7
0.304
–39.7
2000
0.183
–169.9
3.83
72.8
0.145
78.5
0.303
–40.8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com