Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS4NF100 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS4NF100
Description  N-CHANNEL 100V - 0.065 ohm - 4A SO-8 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS4NF100 Datasheet(HTML) 1 Page - STMicroelectronics

  STS4NF100 Datasheet HTML 1Page - STMicroelectronics STS4NF100 Datasheet HTML 2Page - STMicroelectronics STS4NF100 Datasheet HTML 3Page - STMicroelectronics STS4NF100 Datasheet HTML 4Page - STMicroelectronics STS4NF100 Datasheet HTML 5Page - STMicroelectronics STS4NF100 Datasheet HTML 6Page - STMicroelectronics STS4NF100 Datasheet HTML 7Page - STMicroelectronics STS4NF100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
July 2001
.
STS4NF100
N-CHANNEL 100V - 0.065
Ω - 4A SO-8
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.065 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100 % AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This MOSFET series realized with STMicroelectronics
unique STripFET process has specifically been designed
to minimize input capacitance and gate charge. It is
therefore suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC converters for
Telecom and Computer applications. It is also intended
for any applications with low gate drive requirements.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
TYPE
VDSS
RDS(on)
ID
STS4NF100
100 V
<0.070
Ω
4 A
SO-8
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
Drain Current (continuos) at TC = 100°C
4
2.5
A
A
IDM(•)
Drain Current (pulsed)
16
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STS4NF100

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STS4NF100 VBSEMI-STS4NF100 Datasheet
1,020Kb / 9P
N-Channel 100 V (D-S) MOSFET
STS4NF100T VBSEMI-STS4NF100T Datasheet
626Kb / 9P
N-Channel 100 V (D-S) MOSFET
More results

Similar Description - STS4NF100

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS2NF100 STMICROELECTRONICS-STS2NF100 Datasheet
284Kb / 8P
N-CHANNEL 100V - 0.23 ohm - 6A SO-8 STripFET™ II POWER MOSFET
Oct-2002
STS3C3F30L STMICROELECTRONICS-STS3C3F30L Datasheet
413Kb / 10P
N-CHANNEL 30V - 0.050 ohm - 3.5A SO-8 P-CHANNEL 30V - 0.140 ohm - 3A SO-8 STripFET™ II POWER MOSFET
Feb-2002
STS4DNF60L STMICROELECTRONICS-STS4DNF60L Datasheet
71Kb / 5P
N - CHANNEL 60V - 0.045ohm - 4A SO-8 STripFET POWER MOSFET
Dec-1998
STS4DNFS30L STMICROELECTRONICS-STS4DNFS30L Datasheet
244Kb / 8P
N-CHANNEL 30V - 0.044ohm - 4A SO-8 STripFET™ II MOSFET PLUS SCHOTTKY RECTIFIER
Jul-2002
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
STS4DPF30L STMICROELECTRONICS-STS4DPF30L Datasheet
108Kb / 6P
DUAL P-CHANNEL 30V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Apr-2002
STS4PF20V STMICROELECTRONICS-STS4PF20V Datasheet
267Kb / 8P
P-CHANNEL 20V - 0.090 ohm - 4A SO- 2.7V-DRIVE STripFET™ II POWER MOSFET
Jun-2002
STS7C4F30L STMICROELECTRONICS-STS7C4F30L Datasheet
403Kb / 10P
N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET??POWER MOSFET
Jun-2001
STS7NF60L STMICROELECTRONICS-STS7NF60L Datasheet
282Kb / 8P
N-CHANNEL 60V - 0.017 ohm - 7.5A SO-8 STripFET??II POWER MOSFET
Apr-2002
STS5PF20V STMICROELECTRONICS-STS5PF20V Datasheet
173Kb / 8P
P-CHANNEL 20V - 0.065 ohm - 5A SO-8 2.5V-DRIVE STripFET II POWER MOSFET
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com