Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC688P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74HC688P
Description  8-bit Magnitude Comparator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC688P Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74HC688P Datasheet HTML 1Page - Renesas Technology Corp HD74HC688P Datasheet HTML 2Page - Renesas Technology Corp HD74HC688P Datasheet HTML 3Page - Renesas Technology Corp HD74HC688P Datasheet HTML 4Page - Renesas Technology Corp HD74HC688P Datasheet HTML 5Page - Renesas Technology Corp HD74HC688P Datasheet HTML 6Page - Renesas Technology Corp HD74HC688P Datasheet HTML 7Page - Renesas Technology Corp HD74HC688P Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00, Mar 30, 2006 page 1 of 7
HD74HC688
8-bit Magnitude Comparator
REJ03D0643–0200
(Previous ADE-205-529)
Rev.2.00
Mar 30, 2006
Description
The HD74HC688 compares bit for bit two 8-bit words and indicates whether or not they are equal. The
P=Q output
indicates equality when it is low.
A single active low enable is provided to facilitate cascading of several packages and enable comparison of words
greater than 8-bits.
This device is useful in memory block decoding applications, where memory block enable signals must be generated
from computer address information.
Features
• High Speed Operation: t
pd (P or Q to Output) = 17 ns typ (CL = 50 pF)
• High Output Current: Fanout of 10 LSTTL Loads
• Wide Operating Voltage: V
CC = 2 to 6 V
• Low Input Current: 1 µA max
• Low Quiescent Supply Current: I
CC (static) = 4 µA max (Ta = 25°C)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74HC688P
DILP-20 pin (JEDEC)
PRDP0020AC-B
(DP-20NEV)
P
—
HD74HC688FPEL
SOP-20 pin (JEITA)
PRSP0020DD-B
(FP-20DAV)
FP
EL (2,000 pcs/reel)
HD74HC688RPEL
SOP-20 pin (JEDEC)
PRSP0020DC-A
(FP-20DBV)
RP
EL (1,000 pcs/reel)
Function Table
Input
Data P, Q
Enable
G
Output
P=Q
P=Q
L
L
P>Q
L
H
P<Q
L
H
X
H
H
H :
high level
L
:
low level
X :
irrelevant


Similar Part No. - HD74HC688P

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
8-bit Magnitude Comparator
More results

Similar Description - HD74HC688P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC688 PHILIPS-74HC688 Datasheet
48Kb / 7P
8-bit magnitude comparator
December 1990
74LV688 PHILIPS-74LV688 Datasheet
126Kb / 12P
8-bit magnitude comparator
1998 Jun 23
logo
Hitachi Semiconductor
HD74HC682 HITACHI-HD74HC682 Datasheet
45Kb / 7P
8-bit Magnitude Comparator
HD74HC688 HITACHI-HD74HC688 Datasheet
60Kb / 9P
8-bit Magnitude Comparator
HD74HCT688 HITACHI-HD74HCT688 Datasheet
55Kb / 8P
8-bit Magnitude Comparator
logo
Renesas Technology Corp
HD74HC682 RENESAS-HD74HC682 Datasheet
92Kb / 7P
8-bit Magnitude Comparator
HD74HCT688 RENESAS-HD74HCT688 Datasheet
111Kb / 8P
8-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT688_CNV PHILIPS-74HC_HCT688_CNV_15 Datasheet
54Kb / 7P
8-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT688 NEXPERIA-74HCT688 Datasheet
53Kb / 7P
8-bit magnitude comparator
December 1990
74HC688 NEXPERIA-74HC688 Datasheet
231Kb / 13P
8-bit magnitude comparator
Rev. 4 - 16 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com