Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-12UI Datasheet(PDF) 72 Page - STMicroelectronics

Part # PSD835G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-12UI Datasheet(HTML) 72 Page - STMicroelectronics

Back Button PSD835G2-12UI Datasheet HTML 68Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 69Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 70Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 71Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 72Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 73Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 74Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 75Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 110 page
background image
PSD835G2
PSD8XX Family
71
9.6.1 Standard JTAG Signals
The standard JTAG signals (TMS, TCK, TDI, and TDO) can be enabled by any of three
different conditions that are logically ORed. When enabled, TDI, TDO, TCK, and TMS are
inputs, waiting for a serial command from an external JTAG controller device (such as
FlashLink or Automated Test Equipment). When the enabling command is received from
the external JTAG controller, TDO becomes an output and the JTAG channel is fully
functional inside the PSD. The same command that enables the JTAG channel may
optionally enable the two additional JTAG pins, TSTAT and TERR.
The following symbolic logic equation specifies the conditions enabling the four basic
JTAG pins (TMS, TCK, TDI, and TDO) on their respective Port E pins. For purposes of
discussion, the logic label JTAG_ON will be used. When JTAG_ON is true, the four pins
are enabled for JTAG. When JTAG_ON is false, the four pins can be used for general PSD
I/O.
JTAG_ON = PSDsoft_enabled +
/* An NVM configuration bit inside the PSD is set by the designer
in the PSDsoft Configuration utility. This dedicates the pins for
JTAG at all times (compliant with IEEE 1149.1) */
Microcontroller_enabled +
/* The microcontroller can set a bit at run-time by writing to the
PSD register, JTAG Enable. This register is located at address
CSIOP + offset C7h. Setting the JTAG_ENABLE bit in this
register will enable the pins for JTAG use. This bit is cleared
by a PSD reset or the microcontroller. See Table 31 for bit
definition. */
PSD_product_term_enabled;
/* A dedicated product term (PT) inside the PSD can be used to
enable the JTAG pins. This PT has the reserved name
JTAGSEL. Once defined as a node in PSDabel, the designer
can write an equation for JTAGSEL. This method is used when
the Port E JTAG pins are multiplexed with other I/O signals.
It is recommended to logically tie the node JTAGSEL to the
JEN\ signal on the Flashlink cable when multiplexing JTAG
signals. See Application Note 54 for details.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
*
****
*
*
JTAG_ENABLE
Table 31. JTAG Enable Register
JTAG Enable
*Bits 1-7 are not used and should set to 0.
Bit definitions:
JTAG_ENABLE 1 = JTAG Port is Enabled.
0 = JTAG Port is Disabled.
NOTE:
The state of the PSD reset input signal will not interrupt (or prevent) JTAG operations if
the JTAG pins are dedicated by an NVM configuration bit (via PSDsoft). However, the
PSD reset input will prevent or interrupt JTAG operations if the JTAG enable register is
used to enable the JTAG pins.
The
PSD835G2
Functional
Blocks
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com