Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-12UI Datasheet(PDF) 56 Page - STMicroelectronics

Part # PSD835G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-12UI Datasheet(HTML) 56 Page - STMicroelectronics

Back Button PSD835G2-12UI Datasheet HTML 52Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 53Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 54Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 55Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 56Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 57Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 58Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 59Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 110 page
background image
PSD835G2
PSD8XX Family
55
The
PSD835G2
Functional
Blocks
(cont.)
Control
Direction
VM
Defined In
Register
Register
Register
JTAG
Mode
PSDsoft
Setting
Setting
Setting
Enable
Declare
0
1 = output,
MCU I/O
pins only
(Note 3)
0 = input
NA
NA
(Note 1)
Declare pins
PLD I/O
and logic
NA
(Note 1)
NA
NA
equations
Data Port
Selected for
(Port F)
MCU with
NA
NA
NA
NA
non-mux bus
Address Out
Declare
1
1 (Note 1)
NA
NA
(Port E, F, G)
pins only
Declare pins or
Address In
logic equation
NA
NA
NA
NA
(Port A,B,C,D,F) for input
Micro
⇔Cells
Peripheral I/O
Logic equations
NA
NA
PIO bit = 1
NA
(Port F)
(PSEL0 & 1)
JTAG ISP
Declare pins
NA
NA
NA
JTAG_Enable
(Note 2)
only
Table 17. Port Operating Mode Settings
*NA = Not Applicable
NOTE: 1. The direction of the Port A,B,C, and F pins are controlled by the Direction Register ORed with the
individual output enable product term (.oe) from the CPLD AND array.
2. Any of these three methods will enable JTAG pins on Port E.
3. Control Register setting is not applicable to Ports A, B and C.
9.4.2.1 MCU I/O Mode
In the MCU I/O Mode, the microcontroller uses the PSD835G2 ports to expand its own
I/O ports. By setting up the CSIOP space, the ports on the PSD4000 are mapped into the
microcontroller address space. The addresses of the ports are listed in Table 6.
A port pin can be put into MCU I/O mode by writing a ‘0’ to the corresponding bit in the
Control Register (Port E, F and G). The MCU I/O direction may be changed by writing to
the corresponding bit in the Direction Register, or by the output enable product term. See
the subsection on the Direction Register in the “Port Registers” section. When the pin is
configured as an output, the content of the Data Out Register drives the pin. When config-
ured as an input, the microcontroller can read the port input through the Data In buffer.
See Figure 22.
Ports A, B and C do not have Control Registers, and are in MCU I/O mode by default.
They can be used for PLD I/O if they are specified in PSDsoft.
9.4.2.2 PLD I/O Mode
The PLD I/O Mode uses a port as an input to the CPLD’s Input Micro
⇔Cells, and/or as an
output from the CPLD’s Output Micro
⇔Cells. The output can be tri-stated with a control
signal. This output enable control signal can be defined by a product term from the PLD, or
by setting the corresponding bit in the Direction Register to ‘0’. The corresponding bit in the
Direction Register must not be set to ‘1’ if the pin is defined as a PLD input pin in PSDsoft.
The PLD I/O Mode is specified in PSDsoft by declaring the port pins, and then specifying
an equation in PSDsoft.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com