Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-12UI Datasheet(PDF) 79 Page - STMicroelectronics

Part # PSD835G2-12UI
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-12UI Datasheet(HTML) 79 Page - STMicroelectronics

Back Button PSD835G2-12UI Datasheet HTML 75Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 76Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 77Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 78Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 79Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 80Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 81Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 82Page - STMicroelectronics PSD835G2-12UI Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 110 page
background image
-70
-90
Slew
PT
TURBO
Rate
Symbol
Parameter
Conditions
Min
Max
Min
Max
Aloc
OFF
(Note 1)
Unit
Maximum Frequency
External Feedback
1/(tS +t CO)
34.4
30.30
MHz
Maximum Frequency
fMAX
Internal Feedback
1/(tS +t CO–10)
52.6
43.48
MHz
(fCNT)
Maximum Frequency
Pipelined Data
1/(tCH +t CL)
83.3
50.00
MHz
tS
Input Setup Time
14
15
Add 2 Add 12
ns
tH
Input Hold Time
0
0
ns
tCH
Clock High Time
Clock Input
6
10
ns
tCL
Clock Low Time
Clock Input
6
10
ns
tCO
Clock to Output Delay
Clock Input
15
18
Sub 2
ns
tARD
GPLD Array Delay
Any Micro
⇔Cell
11
16
Add 2
ns
tMIN
Minimum Clock Period
tCH +t CL (Note 2)
12
20
ns
GPLD Micro
⇔Cell Synchronous Clock Mode Timing (5 V ± 10% Versions)
NOTES: 1.
Fast Slew Rate output available on Port C and F.
2.
CLKIN tCLCL = tCH + tCL.
-70
-90
Slew
PT
TURBO
Rate
Symbol
Parameter
Conditions
Min
Max
Min
Max
Aloc
OFF
(Note 1)
Unit
tPD
GPLD Input Pin/Feedback to
20
25
Add 2 Add 12 Sub 2
ns
GPLD Combinatorial Output
tEA
GPLD Input to GPLD
Output Enable
21
26
Add 12 Sub 2
ns
tER
GPLD Input to GPLD
Output Disable
21
26
Add 12 Sub 2
ns
tARP
GPLD Register Clear or
Preset Delay
21
26
Add 12 Sub 2
ns
tARPW
GPLD Register Clear or
10
20
Add 12
ns
Preset Pulse Width
tARD
GPLD Array Delay
Any
11
16
Add 2
ns
Micro
⇔Cell
GPLD Combinatorial Timing (5 V ± 10%)
NOTE: 1. Fast Slew Rate output available on Port C and F.
PSD835G2 AC/DC Parameters – GPLD Timing Parameters
(5 V ± 10% Versions)
PSD8XX Family
PSD835G2
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com