Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38264EBGP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M38264EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264EBGP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M38264EBGP Datasheet HTML 31Page - Renesas Technology Corp M38264EBGP Datasheet HTML 32Page - Renesas Technology Corp M38264EBGP Datasheet HTML 33Page - Renesas Technology Corp M38264EBGP Datasheet HTML 34Page - Renesas Technology Corp M38264EBGP Datasheet HTML 35Page - Renesas Technology Corp M38264EBGP Datasheet HTML 36Page - Renesas Technology Corp M38264EBGP Datasheet HTML 37Page - Renesas Technology Corp M38264EBGP Datasheet HTML 38Page - Renesas Technology Corp M38264EBGP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 35 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 33 Timing of serial I/O2 function
D7
D0
D1
D2
D3
D4
D5
D6
Synchronous clock
(Note 1)
Serial I/O2 output SOUT2
Serial I/O2 input SIN2
Serial I/O2 register
write signal
(Notes 2, 3)
Serial I/O2 interrupt request bit = “1”
1: When the internal clock is selected as the synchronous clock, the divide ratio can be selected by setting bits 0 to 2 of the
serial I/O2 control register.
2: When the internal clock is selected as the synchronous clock, the SOUT2 pin goes to high impedance after transfer
completion.
3: When the external clock is selected as the synchronous clock, the SOUT2 pin keeps D7 output level after transfer
completion. However, if synchronous clocks input are carried on, the transmit data will be output continuously from the
SOUT2 pin because shifts of serial I/O2 shift register is continued as long as synchronous clocks are input.
Notes
●Serial I/O2 Operating
The serial I/O2 counter is initialized to “7” by writing to the serial
I/O2 register.
After writing, whenever a synchronous clock changes from “H” to
“L”, data is output from the SOUT2 pin. Moreover, whenever a syn-
chronous clock changes from “L” to “H”, data is taken in from the
SIN2 pin, and 1 bit shift of the serial I/O2 register is carried out si-
multaneously.
When the internal clock is selected as a synchronous clock, it is
as follows if a synchronous clock is counted 8 times.
•Serial I/O2 counter = “0”
•Synchronous clock stops in “H” state
•Serial I/O2 interrupt request bit = “1”
The SOUT2 pin is in a high impedance state after transfer is com-
pleted.
When the external clock is selected as a synchronous clock, if a
synchronous clock is counted 8 times, the serial I/O2 interrupt re-
quest bit is set to “1”, and the SOUT2 pin holds the output level of
D7. However, if a synchronous clock continues being input, the
shift of the serial I/O2 register is continued and transmission data
continues being output from the SOUT2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com