Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38264EBGP Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M38264EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264EBGP Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M38264EBGP Datasheet HTML 74Page - Renesas Technology Corp M38264EBGP Datasheet HTML 75Page - Renesas Technology Corp M38264EBGP Datasheet HTML 76Page - Renesas Technology Corp M38264EBGP Datasheet HTML 77Page - Renesas Technology Corp M38264EBGP Datasheet HTML 78Page - Renesas Technology Corp M38264EBGP Datasheet HTML 79Page - Renesas Technology Corp M38264EBGP Datasheet HTML 80Page - Renesas Technology Corp M38264EBGP Datasheet HTML 81Page - Renesas Technology Corp M38264EBGP Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 78 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
(3)
Timers 1–3
Set the value of timer in the order of the timer 1 register, the timer 2 register, and the timer 3
register after the count source selection of timer 1 to 3.
<Reason>
•When the count source of timers 1 to 3 is changed, the timer counting value may become
arbitrary value because a thin pulse is generated in count input of timer.
•If timer 1 output is selected as the count source of timer 2 or timer 3, when timer 1 is written,
the counting value of timer 2 or timer 3 may become undefined value because a thin pulse is
generated in timer 1 output.
(4)
Timer 2
If the value is written in latch only, a value is simultaneously set to the timer 2 and the timer 2
latch when the writing in the high-order register and the underflow of timer 2 are performed at the
same timing.
(5)
All timers
■The count source for timers is effected by system clock φ which is selected by the system clock
selection bit (bit 7 of CPU mode register (address 3B16)).
■Set the timer which is not used as follows:
•Stop the count (when using a timer with stop control)
•Set “0” to the corresponding interrupt enable bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com