Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38264EBGP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38264EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38264EBGP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38264EBGP Datasheet HTML 1Page - Renesas Technology Corp M38264EBGP Datasheet HTML 2Page - Renesas Technology Corp M38264EBGP Datasheet HTML 3Page - Renesas Technology Corp M38264EBGP Datasheet HTML 4Page - Renesas Technology Corp M38264EBGP Datasheet HTML 5Page - Renesas Technology Corp M38264EBGP Datasheet HTML 6Page - Renesas Technology Corp M38264EBGP Datasheet HTML 7Page - Renesas Technology Corp M38264EBGP Datasheet HTML 8Page - Renesas Technology Corp M38264EBGP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
DESCRIPTION
The 3826 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 3826 group has the LCD drive control circuit, an 8-channel A/
D converter, D/A converter, serial interface and PWM as additional
functions.
The various microcomputers in the 3826 group (One Time PROM
version) include variations of internal memory size and packaging.
This datasheet describes only the One Time PROM version (ROM
60 K version) of 3826 Group.
FEATURES
•Basic machine-language instructions ....................................... 71
•The minimum instruction execution time ............................ 0.5 µs
(at 8MHz oscillation frequency)
•Memory size
ROM ............................................................................. 60 K bytes
RAM ............................................................................ 2560 bytes
•Programmable input/output ports ............................................. 55
•Software pull-up resistors .................................................... Built-in
•Output ports ................................................................................. 8
•Input ports .................................................................................... 1
•Interrupts .................................................. 17 sources, 16 vectors
External ................ 7 sources (includes key input interrupt)
Internal ................................................................ 9 sources
Software ................................................................ 1 source
•Timers ............................................................ 8-bit ✕ 3, 16-bit ✕ 2
•Serial interface
Serial I/O1 ...................... 8-bit ✕ 1 (UART or Clock-synchronous)
Serial I/O2 .................................... 8-bit ✕ 1 (Clock-synchronous)
•PWM output .................................................................... 8-bit ✕ 1
•A/D converter ............. 10-bit ✕ 8 channels or 8-bit ✕ 8 channels
•D/A converter .................................................. 8-bit ✕ 2 channels
(used as DTMF and CTCSS function)
•LCD drive control circuit
Bias ......................................................................... 1/2, 1/3
Duty .................................................................. 1/2, 1/3, 1/4
Common output ................................................................ 4
Segment output .............................................................. 40
•2 Clock generating circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
•Watchdog timer ............................................................. 14-bit ✕ 1
•Power source voltage
In high-speed mode (f(XIN) = 8 MHz) ..................... 4.0 V to 5.5 V
In middle-speed mode (f(XIN) = 8 MHz) ................. 2.5 V to 5.5 V
In low-speed mode .................................................. 2.5 V to 5.5 V
•Power dissipation
In high-speed mode ................................................... Typ. 32 mW
(f(XIN) = 8 MHz, VCC = 5 V, Ta = 25 °C)
In low-speed mode ...................................................... Typ. 45 µW
(f(XIN) = stop, f(XCIN) = 32 kHz, VCC = 3 V, Ta = 25 °C)
•Operating temperature range ................................... – 20 to 85°C
APPLICATIONS
Camera, cordless phone, wireless application, household appli-
ances, etc.
3826 Group (One Time PROM version)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0181-0100
Rev.1.00
Sep 06, 2006
Rev.1.00
Sep 06, 2006
page 1 of 88
REJ03B0181-0100


Similar Part No. - M38264EBGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38264M1AXXXFP RENESAS-M38264M1AXXXFP Datasheet
986Kb / 93P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M1AXXXGP RENESAS-M38264M1AXXXGP Datasheet
986Kb / 93P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M2AXXXFP RENESAS-M38264M2AXXXFP Datasheet
986Kb / 93P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M2AXXXGP RENESAS-M38264M2AXXXGP Datasheet
986Kb / 93P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38264M3AXXXFP RENESAS-M38264M3AXXXFP Datasheet
986Kb / 93P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38264EBGP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3803 RENESAS-3803 Datasheet
1Mb / 119P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com