Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38267EBGP Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # M38267EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38267EBGP Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button M38267EBGP Datasheet HTML 51Page - Renesas Technology Corp M38267EBGP Datasheet HTML 52Page - Renesas Technology Corp M38267EBGP Datasheet HTML 53Page - Renesas Technology Corp M38267EBGP Datasheet HTML 54Page - Renesas Technology Corp M38267EBGP Datasheet HTML 55Page - Renesas Technology Corp M38267EBGP Datasheet HTML 56Page - Renesas Technology Corp M38267EBGP Datasheet HTML 57Page - Renesas Technology Corp M38267EBGP Datasheet HTML 58Page - Renesas Technology Corp M38267EBGP Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 55 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
Fig. 61 Clock generating circuit block diagram
WIT
instruction
STP instruction
System clock φ
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
S
R
Q
Timer 2
Timer 1
1/2
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Timer 1 count
source selection
bit
Timer 2 count
source selection
bit
Low-speed mode
Middle-/High-speed
mode
System clock selection bit (Note 1)
Middle-speed mode
High-speed mode
or Low-speed mode
Notes 1: When using the sub clock for the system clock φ, set the XC switch bit to “1”.
Main clock division ratio selection bit
“1”
“0”
“1”
“0”
Interrupt disable flag I
1/2
XC switch bit (Note 1)
“1”
“0”
(Note 2)
Although a feed-back resistor exists on-chip, an external feed-back resistor may be needed depending on conditions.
2:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com