Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38267EBGP Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # M38267EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38267EBGP Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button M38267EBGP Datasheet HTML 68Page - Renesas Technology Corp M38267EBGP Datasheet HTML 69Page - Renesas Technology Corp M38267EBGP Datasheet HTML 70Page - Renesas Technology Corp M38267EBGP Datasheet HTML 71Page - Renesas Technology Corp M38267EBGP Datasheet HTML 72Page - Renesas Technology Corp M38267EBGP Datasheet HTML 73Page - Renesas Technology Corp M38267EBGP Datasheet HTML 74Page - Renesas Technology Corp M38267EBGP Datasheet HTML 75Page - Renesas Technology Corp M38267EBGP Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 72 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
(6)
Read-modify-write instruction
Do not execute a read-modify-write instruction to the read invalid address (memory and SFR).
The read-modify-write instruction operates in the following sequence: read one-byte of data from
memory, modify the data, write the data back to original memory. The following instructions are
classified as the read-modify-write instructions in the 740 Family.
•Bit management instructions: CLB, SEB
•Shift and rotate instructions: ASL, LSR, ROL, ROR, RRF
•Add and subtract instructions: DEC, INC
•Logical operation instructions (1’s complement): COM
Add and subtract/logical operation instructions (ADC, SBC, AND, EOR, and ORA) when T flag =
“1”
operate in the way as the read-modify-write instruction. Do not execute the read invalid
memory and SFR.
[Reason]
When the read-modify-write instruction is executed to read invalid memory and SFR, the instruction
may cause the following consequence: the instruction reads unspecified data from the memory
due to the read invalid condition. Then the instruction modifies this unspecified data and writes the
data to the memory. The result will be random data written to the memory or some unexpected
event.
(7)
Instruction execution time
Each instruction execution time is obtained from the cycle time of system clock φ multiplied by the
number of instruction cycles listed in the machine instruction table. Note that the cycle time of
system clock φ is defined by the system clock division ratio selection bit and the system clock
selection bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com