Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38267EBGP Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # M38267EBGP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38267EBGP Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button M38267EBGP Datasheet HTML 78Page - Renesas Technology Corp M38267EBGP Datasheet HTML 79Page - Renesas Technology Corp M38267EBGP Datasheet HTML 80Page - Renesas Technology Corp M38267EBGP Datasheet HTML 81Page - Renesas Technology Corp M38267EBGP Datasheet HTML 82Page - Renesas Technology Corp M38267EBGP Datasheet HTML 83Page - Renesas Technology Corp M38267EBGP Datasheet HTML 84Page - Renesas Technology Corp M38267EBGP Datasheet HTML 85Page - Renesas Technology Corp M38267EBGP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
Rev.1.00
Sep 06, 2006
page 82 of 88
REJ03B0181-0100
3826 Group (One Time PROM version)
3.3.9 Notes on A/D converter
(1)
Analog input pin
Make the signal source impedance for analog input low, or equip an analog input pin with an
external capacitor of 0.01 µF to 1 µF. Further, be sure to verify the operation of application
products on the user side.
● Reason
An analog input pin includes the capacitor for analog voltage comparison. Accordingly, when
signals from signal source with high impedance are input to an analog input pin, charge and
discharge noise generates. This may cause the A/D conversion precision to be worse.
(2)
Analog power source input pin AVss
The AVSS pin is an analog power source input pin. Regardless of using the A/D conversion
function or not, connect it as following :
• AVSS : Connect to the VSS line
● Reason
If the AVSS pin is opened, the microcomputer may have a failure because of noise or others.
(3)
Reference voltage input pin VREF
Connect an approximately 1000 pF capacitor across the AVss pin and the VREF pin. Besides,
connect the capacitor across the VREF pin and the AVss pin at equal length as close as possible.
(4)
Clock frequency during A/D conversion
Use the A/D converter in the following conditions:
• Select XIN-XOUT as system clock φ by the system clock selection bit (bit 7 of CPU mode register
(address 3B16)). When selecting XCIN-XCOUT as system clock φ, the A/D conversion function cannot
be used.
• f(XIN) is 500 kHz or more.
• Do not execute the STP or WIT instruction during A/D conversion.
● Reason
The comparator consists of a capacity coupling, and a charge of the capacity will be lost if the
clock frequency is too low. This may cause the A/D conversion precision to be worse.
(5)
When the falling edge is input to the ADT pin during A/D conversion at the time of A/D external
trigger effective, the conversion processing is interrupted and the A/D conversion starts again. In
addition, even if “0” is set to the AD conversion completion bit by the program during A/D conversion,
re-conversion is not performed but the original conversion is continued.
(6)
The A/D converter will not operate normally if one of the following operation is applied during the
A/D conversion:
•Writing to CPU mode register
•Writing to AD control register
•Executing the STP instruction and WIT instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com