Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STSR3
Description  SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR3 Datasheet(HTML) 2 Page - STMicroelectronics

  STSR3 Datasheet HTML 1Page - STMicroelectronics STSR3 Datasheet HTML 2Page - STMicroelectronics STSR3 Datasheet HTML 3Page - STMicroelectronics STSR3 Datasheet HTML 4Page - STMicroelectronics STSR3 Datasheet HTML 5Page - STMicroelectronics STSR3 Datasheet HTML 6Page - STMicroelectronics STSR3 Datasheet HTML 7Page - STMicroelectronics STSR3 Datasheet HTML 8Page - STMicroelectronics STSR3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STSR3
2/12
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is
not implied.
(*) A higher positive voltage level can be applied to the pin with a resistor which limits the current flowing into the pin to 10mA maximum
THERMAL DATA
(*) This value is referred to one layer pcb board with minimum copper connections for the leads. a minimum value of 120 °C/W can be
obtained improving thermal conductivity of the board
ORDERING CODES
CONNECTION DIAGRAM (top view)
Symbol
Parameter
Value
Unit
VCC
DC Input Voltage
-0.3 to 6
V
VOUTGATE Max Gate Drive Output Voltage
-0.3 to VCC
V
VINHIBIT
Max INHIBIT Voltage (*)
-0.6 to VCC
V
VCK
Clock Input Voltage Range (*)
-0.3 to VCC
V
PTOT
Continuous Power Dissipation at TA=105°C without heatsink
270
mW
ESD
Human Body Model
Pins 1,2, 4, 5, 6, 7, 8
±1KV
Pin 3
±0.9
KV
Tstg
Storage Temperature Range
-55 to +150
°C
Top
Operating Junction Temperature Range
-40 to +125
°C
Symbol
Parameter
SO-8
Unit
Rthj-amb
Thermal Resistance Junction-case
40
°C/W
Rthj-amb
Thermal Resistance Junction-ambient (*)
160
°C/W
TYPE
SO-8
SO-8 (T&R)
STSR3
STSR3CD
STSR3CD-TR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com