Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSR3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSR3
Description  SYNCHRONOUS RECTIFIERS SMART DRIVER FOR FLYBACK
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSR3 Datasheet(HTML) 1 Page - STMicroelectronics

  STSR3 Datasheet HTML 1Page - STMicroelectronics STSR3 Datasheet HTML 2Page - STMicroelectronics STSR3 Datasheet HTML 3Page - STMicroelectronics STSR3 Datasheet HTML 4Page - STMicroelectronics STSR3 Datasheet HTML 5Page - STMicroelectronics STSR3 Datasheet HTML 6Page - STMicroelectronics STSR3 Datasheet HTML 7Page - STMicroelectronics STSR3 Datasheet HTML 8Page - STMicroelectronics STSR3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
June 2003
s
SUPPLY VOLTAGE RANGE: 4V TO 5.5V
s
TYPICAL PEAK OUTPUT CURRENT:
(SOURCE 2A, SINK 3.5A)
s
OPERATING FREQUENCY: 30 TO 750 KHz
s
SMART TURN-OFF ANTICIPATION TIMING
s
AUTOMATIC TURN OFF FOR DUTY CYCLE
LESS THAN 14%
s
POSSIBILITY TO OPERATE IN
DISCONTINUOUS MODE
DESCRIPTION
STSR3 Smart Driver IC provides a high current
outputs
to
properly
drive
secondary
Power
Mosfets used as Synchronous Rectifier in low
output
voltage,
high
efficiency
Flyback
Converters. From a synchronizing clock input,
withdrawn on the secondary side of the isolation
transformer, the IC generates a driving signal with
set dead times with respect to the primary side
PWM signal.
The
IC
operation
prevents
secondary
side
shoot-through conditions at turn-on of the primary
switch providing anticipation in turn-off the output.
This smart function is implemented by a fast
cycle-after-cycle logic control mechanism, based
on a high frequency oscillator synchronized by the
clock signal. This anticipation is externally set
through external component. A special Inhibit
function allows to shut-off the drive output. This
feature makes discontinuous conduction mode
possible and avoids reverse conduction of the
synchronous rectifier.
STSR3
SYNCHRONOUS RECTIFIERS
SMART DRIVER FOR FLYBACK
PEAK
DETECTOR
BIAS
UVLO
CK
Vcc
6
5.7V
8
4
2
OUTPUT
BUFFER
1
N/C
PWRGND
SGLGND
ANTICIPATION
SET
3
5
INHIBIT
25mV
-
+
DIGITAL
CONTROL
HIGH
FREQUENCY
OSCILLATOR
7
+
+
+
OUTGATE
SETANT
SCHEMATIC DIAGRAM
SO-8


Similar Part No. - STSR3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR30D STMICROELECTRONICS-STSR30D Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR30D-TR STMICROELECTRONICS-STSR30D-TR Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
More results

Similar Description - STSR3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STSR2 STMICROELECTRONICS-STSR2 Datasheet
287Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Jun-2003
STSR30 STMICROELECTRONICS-STSR30 Datasheet
197Kb / 10P
SYNCHRONOUS RECTIFIER SMART DRIVER FOR FLYBACK
Jan-2004
STSR2P STMICROELECTRONICS-STSR2P Datasheet
291Kb / 12P
FORWARD SYNCHRONOUS RECTIFIERS SMART DRIVER
Sep-2003
SRK2000DTR STMICROELECTRONICS-SRK2000DTR Datasheet
266Kb / 17P
Synchronous rectifier smart driver for LLC resonant converters
08-Feb-2012
logo
Diodes Incorporated
ZXGD3101T8 DIODES-ZXGD3101T8_15 Datasheet
964Kb / 14P
Synchronous rectifier controller for flyback converters.
JANUARY 2009
logo
STMicroelectronics
SRK2000A STMICROELECTRONICS-SRK2000A Datasheet
412Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
SRK2000 STMICROELECTRONICS-SRK2000 Datasheet
386Kb / 19P
Synchronous rectifier smart driver for LLC resonant converters
04-May-2017
logo
Maxim Integrated Produc...
MAX17606 MAXIM-MAX17606 Datasheet
507Kb / 12P
Secondary-Side Synchronous MOSFET Driver for Flyback Converters
Rev 0; 10/15
logo
STMicroelectronics
STPRDC01 STMICROELECTRONICS-STPRDC01 Datasheet
90Kb / 3P
Synchronous rectifier smart driver
02-Mar-2018
STRG02 STMICROELECTRONICS-STRG02 Datasheet
185Kb / 3P
Synchronous rectifier smart driver
03-Mar-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com